Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 586 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 586 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 582Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 583Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 584Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 585Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 590Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-8
Freescale Semiconductor
Figure 15-4. Enabling Connections to the TSA
15.4
Serial Interface RAM
Each SI has a transmit RAM and a receive RAM, each with four banks of 64 halfword entries that enable
it to control TDM channel routing to all serial devices, including the MCCs. The SIx RAMs are
uninitialized after power-on reset; unwanted results can occur if the user does not program them before
enabling the multiplexed channels.
Each 16-bit SI RAM entry defines the routing of 1–8 bits or bytes at a time. In addition to the routing, up
to four strobe pins (logic OR of four strobes in the transmit RAM and four in receive RAM) can be asserted
according to the programming of the RAMs. The four SIx RAM banks can be configured in many different
ways to support various TDM channels. The user can define the size of each SIx RAM that is related to a
certain TDM channel by programming the starting bank of that TDM. Programming the starting shadow
bank address, described in Section 15.5.3, “SIx RAM Shadow Address Registers (SIxRSR),” determines
whether this RAM has a shadow for changing SIx RAM entries while the TDM channel is active. This
reduces the number of available SIx RAM entries for that TDM.
En
En
En
En
SI
x RAM
Time-Slot
Assigner
TDM a,b,c,d Enable = 1
TDM a Pins
TDM b Pins
TDM c Pins
TDM d Pins
FCC1
FCC2
FCC3
SCC1
SCC2
SCC3
SCC4
SMC1
SMC2
MII1/UTOPIA 16
FC1 = 0
MII2/UTOPIA 8
FC2 = 00
MII3
FC3 = 0
SCC1 pins
SC1 = 0
SCC2 pins
SC2 = 0
SCC3 pins
SC3 = 0
SCC4 pins
SC4 = 0
SMC1 pins
SMC1 = 0
SMC2 pins
SMC2 = 0
MCC
x
TDM a channels
TDM b channels
TDM c channels
TDM d channels
In the CPM mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com