Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 590 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 590 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 594Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-12
Freescale Semiconductor
Figure 15-8 shows how SWTR can be used.
Figure 15-8. Using the SWTR Feature
The SWTR option lets station B listen to transmissions from station A and send data to station A. To do
this, station B would set SWTR in its receive route RAM. For this entry, receive data is taken from the
L1TXD pin and data is sent on the L1RXD pin. If the user wants to listen only to station A transmissions
and not send data on L1RXD, the CSEL bits in the corresponding transmit route RAM entry should be
cleared to prevent transmission on the L1RXD pin.
Station B can transmit data to station A by setting the SWTR bit of the entry in its receive route RAM.
Data is sent on L1RXD rather than L1TXD, according to the transmit route RAM. Note that this
configuration could cause collisions with other data on L1RXD unless an available (quiet) time slot is
used. To transmit on L1RXD and not receive data on L1TXD, clear the CSEL bits in the receive route
RAM.
NOTE
If the transmit and receive sections of the TDM do not use a common clock
source, the SWTR feature can cause erratic behavior. Also note, this feature
does not work with nibble operation.
When MCC = 1, the SIx RAM entry fields function as described in Table 15-2.
14
BYT
Byte resolution
0 Bit resolution. The CNT value indicates the number of bits in this group.
1 Byte resolution. The CNT value indicates the number of bytes in this group.
15
LST
Last entry in the RAM. Whenever SI
x RAM is used, LST must be set in one of the Tx or Rx entries
of each group. Even if all entries of a group are used, this bit must still be set in the last entry.
0 Not the last entry in this section of the route RAM.
1 Last entry in this RAM. After this entry, the SI waits for the sync signal to start the next frame.
Note: There must be only an even number of entries in an SI
x RAM frame, because LST is active
only in odd-numbered entries (assuming the entry count starts with 0). Therefore, to obtain
an even number of entries, an entry may need to be split into two entries.
Also note that, to avoid errors in switching to and from shadow SI RAM, the last entry in SI RAM
should not be programmed to 1-bit resolution (i.e. CNT = 000 and BYT = 0).
Table 15-1. SI
x RAM Entry (MCC = 0) (continued)
Bits
Name
Description
Rx
Station A
Tx
Rx
Station B
Tx
L1TXD
L1RXD
Rx
Station A
Tx
Tx
Station B
Rx
L1TXD
L1RXD
Tx and Rx SI
x RAMn[SWTR] = 1
Tx and Rx SI
x RAMn[SWTR] = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com