Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 588 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 588 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 584Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 585Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 592Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-10
Freescale Semiconductor
Figure 15-6. One TDM Channel with Shadow RAM for Dynamic Route Change
This configuration should be chosen when only one TDM is needed, but dynamic rerouting may be needed
on that TDM. Similarly, for two TDM channels, the number of SIx RAM entries are reduced for every
TDM channel programmed for shadow mode.
15.4.3
Programming SI
x RAM Entries
The programming of each entry in the SIx RAM determines the routing of the serial bits (or bit groups)
and the assertion of strobe outputs. If MCC is set, the entry refers to the corresponding MCC; otherwise,
it refers to other serial controllers. Figure 15-7 shows the entry fields for both cases.
The use of MCC slots is restricted for slots with lengths up to a single byte. For channels, that require more
than a single byte, superchannel or slot splitting is mandatory.
When MCC = 0, the SIx RAM entry fields function as described in Table 15-1.
0
1
2
3
4
5
6
7
10
11
13
14
15
Field MCC = 0
SWTR
SSEL1
SSEL2 SSEL3 SSEL4
0
CSEL
CNT
BYT LST
MCC = 1 LOOP/ECHO
SUPER
MCSEL
CNT
BYT LST
R/W
R/W
Addr
See Chapter 3, “Memory Map.”
Figure 15-7. SI
x RAM Entry Fields
128 Entries
TXa
Route
Framing Signals
L1TCLKa
x
L1TSYNCa
x
SI
x RAM Address:
128 Entries
RXa
Route
255
1279
1024
L1RCLKa
x
L1RSYNCa
x
1280
256
511
1535
(each entry is 16 Bits Wide)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com