Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 702 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 702 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 706Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-22
Freescale Semiconductor
Figure 20-14. DPLL Transmitter Block Diagram
The DPLL can be driven by one of the baud rate generator outputs or an external clock, CLKx. In the block
diagrams, this clock is labeled HSRCLK/HSTCLK. The HSRCLK/HSTCLK should be approximately 8x,
16x, or 32x the data rate, depending on the coding chosen. The DPLL uses this clock, along with the data
stream, to construct a data clock that can be used as the SCC Rx and/or Tx clock. In all modes, the DPLL
uses the input clock to determine the nominal bit time. If the DPLL is bypassed, HSRCLK/HSTCLK is
used directly as RCLK/TCLK.
At the beginning of operation, the DPLL is in search mode, whereas the first transition resets the internal
DPLL counter and begins DPLL operation. While the counter is counting, the DPLL watches the incoming
data stream for transitions; when one is detected, the DPLL adjusts the count to produce an output clock
that tracks incoming bits.
The DPLL has a carrier-sense signal that indicates when data transfers are on RXD. The carrier-sense
signal asserts as soon as a transition is detected on RXD; it negates after the programmed number of clocks
in GSMR_L[TSNC] when no transitions are detected.
To prevent itself from locking on the wrong edges and to provide fast synchronization, the DPLL should
receive a preamble pattern before it receives the data. In some protocols, the preceding flags or syncs can
function as a preamble; others use the patterns in Table 20-8. When transmission occurs, the SCC can
generate preamble patterns, as programmed in GSMR_L[TPP, TPL].
Table 20-8. Preamble Requirements
Decoding Method
Preamble Pattern
Minimum Preamble Length Required
NRZI Mark
All zeros
8-bit
NRZI Space
All ones
8-bit
FM0
All ones
8-bit
DPLL
HSTCLK
TEND
TENC
Transmitter
0
S
Divided Clock
HSTCLK
TCLK
1
1x Mode
0
S
1
TENC = NRZI
D
CLK
Q
SCCT Data
0
S
1
1x Mode
TDCR
D
CLK
Q
HSTCLK
TXEN
HSTCLK
TXD
TINV
Encoded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com