Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 705 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 705 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-25
4. If an INIT TX PARAMETERS command was not issued in step 3, issue a RESTART TRANSMIT
command.
5. Set GSMR_L[ENT]. Transmission begins using the TxBD pointed to by TBPTR, assuming
the R bit is set.
20.3.7.2
Reset Sequence for an SCC Transmitter
The following steps reinitialize an SCC transmit parameters to the reset state:
1. Clear GSMR_L[ENT].
2. Make any modifications then issue the INIT TX PARAMETERS command.
3. Set GSMR_L[ENT].
20.3.7.3
General Reconfiguration Sequence for an SCC Receiver
An SCC receiver can be reconfigured by following these steps:
1. Clear GSMR_L[ENR]. The SCC receiver is now disabled and put in a reset state.
2. Modify SCC Rx parameters or parameter RAM. To switch protocols or restore Rx parameters to
their initial state, issue an INIT RX PARAMETERS command.
3. If the INIT RX PARAMETERS command was not issued in step 2, issue an ENTER HUNT MODE
command.
4. Set GSMR_L[ENR]. Reception begins using the RxBD pointed to by RBPTR, assuming
the E bit is set.
20.3.7.4
Reset Sequence for an SCC Receiver
To reinitialize the SCC receiver to the state it was in after reset, follow these steps:
1. Clear GSMR_L[ENR].
2. Make any modifications then issue the INIT RX PARAMETERS command.
3. Set GSMR_L[ENR].
20.3.7.5
Switching Protocols
To switch an SCC’s protocol without resetting the board or affecting other SCCs, follow these steps:
1. Clear GSMR_L[ENT, ENR].
2. Make protocol changes in the GSMR and additional parameters then issue the INIT TX and RX
PARAMETERS
command to initialize both Tx and Rx parameters.
3. Set GSMR_L[ENT, ENR] to enable the SCC with the new protocol.
20.3.8
Saving Power
To save power when not in use, an SCC can be disabled by clearing GSMR_L[ENT, ENR].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com