Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 708 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 708 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-2
Freescale Semiconductor
In synchronous UART (isochronous operation), a separate clock signal is explicitly provided with the data.
Start and stop bits are present in synchronous UART, but oversampling is not required because the clock
is provided with each bit.
The general SCC mode register (GSMR) is used to configure an SCC channel to function in UART mode,
which provides standard serial I/O using asynchronous character-based (start-stop) protocols with
RS-232C-type lines. Using standard asynchronous bit rates and protocols, an SCC UART controller can
communicate with any existing RS-232-type device and provides a serial communications port to other
microprocessors and terminals (either locally or via modems). The independent transmit and receive
sections, whose operations are asynchronous with the core, send data from memory (either internal or
external) to TXD and receive data from RXD. The UART controller supports a multidrop mode for
master/slave operations with wake-up capability on both the idle signal and address bit. It also supports
synchronous operation where a clock (internal or external) must be provided with each bit received.
21.1
Features
The following list summarizes main features of an SCC UART controller:
•
Flexible message-based data structure
•
Implements synchronous and asynchronous UART
•
Multidrop operation
•
Receiver wake-up on idle line or address bit
•
Receive entire messages into buffers as indicated by receiver idle timeout or by control character
reception
•
Eight control character comparison
•
Two address comparison in multidrop configurations
•
Maintenance of four 16-bit error counters
•
Received break character length indication
•
Programmable data length (5–8 bits)
•
Programmable fractional stop bit lengths (from 9/16 to 2 bits) in transmission
•
Capable of reception without a stop bit
•
Even/odd/force/no parity generation and check
•
Frame error, noise error, break, and idle detection
•
Transmit preamble and break sequences
•
Freeze transmission option with low-latency stop
21.2
Normal Asynchronous Mode
In normal asynchronous mode, the receive shift register receives incoming data on RXDx. Control bits in
the UART mode register (PSMR) define the length and format of the UART character. Bits are received
in the following order:
1. Start bit
2. 5–8 data bits (lsb first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com