Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 711 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 711 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-5
21.5
Data-Handling Methods: Character- or Message-Based
An SCC UART controller uses the same BD table and buffer structures as the other protocols and supports
both multibuffer, message-based and single-buffer, character-based operation.
For character-based transfers, each character is sent with stop bits and parity and received into separate
1-byte buffers. A maskable interrupt is generated when each buffer is received.
In a message-based environment, transfers can be made on entire messages rather than on individual
characters. To simplify programming and save processor overhead, a message is transferred as a linked list
of buffers without core intervention. For example, before handling input data, a terminal driver may wait
for an end-of-line character or an idle timeout rather than be interrupted when each character is received.
Conversely, ASCII files can be sent as messages ending with an end-of-line character.
When receiving messages, up to eight control characters can be configured to mark the end of a message
or generate a maskable interrupt without being stored in the buffer. This option is useful when flow control
characters such as XON or XOFF are needed but are not part of the received message. See Section 21.9,
“Receiving Control Characters.”
21.6
Error and Status Reporting
Overrun, parity, noise, and framing errors are reported via the BDs and/or error counters in the UART
parameter RAM. Signal status is indicated in the status register; a maskable interrupt is generated when
status changes.
0x4C
RTEMP
Hword Temp storage
0x60
RCCM
Hword Receive control character mask. Used to mask comparison of CHARACTER1–8
so classes of control characters can be defined. A one enables the comparison,
and a zero masks it.
0x62
RCCR
Hword Receive control character register. Used to hold the last rejected control
character (not written to the Rx buffer). Generates a maskable interrupt. If the
core does not process the interrupt and read RCCR before a new control
character arrives, the previous control character is overwritten.
0x64
RLBC
Hword Receive last break character. Used in synchronous UART when PSMR[RZS] =
1; holds the last break character pattern. By counting zeros in RLBC, the core
can measure break length to a one-bit resolution. Read RLBC by counting the
zeros written from bit 0 to where the first one was written. RLBC =
0b001xxxxxxxxxxxxx indicates two zeros; 0b1xxxxxxxxxxxxxxx indicates no
zeros.
Note that RLBC can be used in combination with BRKLN above to calculate the
number of bits in the break sequence: (BRKLN * character length) + (number of
zeros in RLBC).
1 From SCC base. See Section 20.3.1, “SCC Base Addresses.”
Table 21-1. UART-Specific SCC Parameter RAM Memory Map (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com