Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 715 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 715 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-9
21.10 Hunt Mode (Receiver)
A UART receiver in hunt mode remains deactivated until an idle or address character is recognized,
depending on PSMR[UM]. A receiver is forced into hunt mode by issuing an ENTER HUNT MODE
command.
The receiver aborts any message in progress when ENTER HUNT MODE is issued. When the message is
finished, the receiver is reenabled by detecting the idle line (one idle character) or by the address bit of the
next message, depending on PSMR[UM]. When a receiver in hunt mode receives a break sequence, it
increments BRKEC and generates a BRK interrupt condition.
21.11 Inserting Control Characters into the Transmit Data Stream
The SCC UART transmitter can send out-of-sequence, flow-control characters like XON and XOFF. The
controller polls the transmit out-of-sequence register (TOSEQ), shown in Figure 21-4, whenever the
transmitter is enabled for UART operation, including during a UART freeze operation, UART buffer
transmission, and when no buffer is ready for transmission. The TOSEQ character (in CHARSEND) is
sent at a higher priority than the other characters in the transmit buffer, but does not preempt characters
already in the transmit FIFO. This means that the XON or XOFF character may not be sent for eight or
four (SCC) character times. To reduce this latency, set GSMR_H[TFL] to decrease the FIFO size to one
character before enabling the transmitter.
0x60
0–1
0b11
Must be set. Used to mark the end of the control character table in case eight
characters are used. Setting these bits ensures correct operation during control
character recognition.
2–7
—
Reserved
8–15
RCCM
Received control character mask. Used to mask the comparison of
CHARACTER
n. Each RCCM bit corresponds to the respective bit of
CHARACTER
n and decodes as follows.
0 Ignore this bit when comparing the incoming character to CHARACTER
n.
1 Use this bit when comparing the incoming character to CHARACTER
n.
0x62
0–7
—
Reserved
8–15
RCCR
Received control character register. If the newly arrived character matches and is
rejected from the buffer (R = 1), the PIP controller writes the character into the
RCCR and generates a maskable interrupt. If the core does not process the
interrupt and read RCCR before a new control character arrives, the previous
control character is overwritten.
Table 21-4. Control Character Table, RCCM, and RCCR Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com