Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 716 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 716 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-10
Freescale Semiconductor
Table 21-5 describes TOSEQ fields.
21.12 Sending a Break (Transmitter)
A break is an all-zeros character with no stop bit that is sent by issuing a STOP TRANSMIT command. The
SCC finishes transmitting outstanding data, sends a programmable number of break characters
(determined by BRKCR), and reverts to idle or sends data if a RESTART TRANSMIT command is given
before completion. When the break code is complete, the transmitter sends at least one high bit before
sending more data, to guarantee recognition of a valid start bit. Because break characters do not preempt
characters in the transmit FIFO, they may not be sent for eight (SCC) or four (SCC) character times. To
reduce this latency, set GSMR_H[TFL] to decrease the FIFO size to one character before enabling the
transmitter.
21.13 Sending a Preamble (Transmitter)
Sending a preamble sequence of consecutive ones ensures that a line is idle before sending a message. If
the preamble bit TxBD[P] is set, the SCC sends a preamble sequence (idle character) before sending the
buffer. For example, for 8 data bits, no parity, 1 stop bit, and 1 start bit, a preamble of 10 ones is sent before
the first character in the buffer.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
—
REA
I
CT
—
A
CHARSEND
Reset
0000_0000_0000_0000
R/W
R/W
Addr
SCC base + 0x4E
Figure 21-4. Transmit Out-of-Sequence Register (TOSEQ)
Table 21-5. TOSEQ Field Descriptions
Bit
Name
Description
0–1
—
Reserved, should be cleared.
2
REA
Ready. Set when the character is ready for transmission. Remains 1 while the character is being
sent. The CP clears this bit after transmission.
3
I
Interrupt. If this bit is set, transmission completion is flagged in the event register (SCCE[TX] is
set), triggering a maskable interrupt to the core.
4
CT
Clear-to-send lost. Operates only if the SCC monitors CTS (GSMR_L[DIAG]). The CP sets this
bit if CTS negates when the TOSEQ character is sent. If CTS negates and the TOSEQ character
is sent during a buffer transmission, the TxBD[CT] status bit is also set.
5–6
—
Reserved, should be cleared.
7
A
Address. Setting this bit indicates an address character for multidrop mode.
8–15 CHARSEND Character send. Contains the character to be sent. Any 5- to 8-bit character value can be sent
in accordance with the UART configuration. The character should be placed in the lsbs of
CHARSEND. This value can be changed only while REA = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com