Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 718 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 718 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-12
Freescale Semiconductor
21.15 Handling Errors in the SCC UART Controller
The UART controller reports character reception and transmission error conditions via the BDs, the error
counters, and the SCCE. Modem interface lines can be monitored by the port C pins. Transmission errors
are described in Table 21-7.
Reception errors are described in Table 21-8.
Table 21-7. Transmission Errors
Error
Description
CTS Lost
during
Character
Transmission
When CTS negates during transmission, the channel stops after finishing the current character. The
CP sets TxBD[CT] and generates the TX interrupt if it is not masked. The channel resumes
transmission after the RESTART TRANSMIT command is issued and CTS is asserted.
Note that if CTS is used, the UART also offers an asynchronous flow control option that does not
generate an error. See the description of PSMR[FLC] in Table 21-9.
Table 21-8. Reception Errors
Error
Description
Overrun
Occurs when the channel overwrites the previous character in the Rx FIFO with a new character, losing
the previous character. The channel then writes the new character to the buffer, closes it, sets
RxBD[OV], and generates an RX interrupt if not masked. In automatic multidrop mode, the receiver
enters hunt mode immediately.
CD Lost
during
Character
Reception
If this error occurs and the channel is using this pin to automatically control reception, the channel
terminates character reception, closes the buffer, sets RxBD[CD], and generates the RX interrupt if not
masked. This error has the highest priority. The last character in the buffer is lost and other errors are
not checked. In automatic multidrop mode, the receiver enters the hunt mode immediately.
Parity
When a parity error occurs, the channel writes the received character to the buffer, closes the buffer,
sets RxBD[PR], and generates the RX interrupt if not masked. The channel also increments the parity
error counter PAREC. In automatic multidrop mode, the receiver enters hunt mode immediately.
Noise
A noise error occurs when the three samples of a bit are not identical. When this error occurs, the
channel writes the received character to the buffer, proceeds normally, but increments the noise error
counter NOSEC. Note that this error does not occur in synchronous mode.
Idle
Sequence
Receive
If the UART is receiving data and gets an idle character (all ones), the channel begins counting
consecutive idle characters received. If MAX_IDL is reached, the buffer is closed and an RX interrupt
is generated if not masked. If no buffer is open, this event does not generate an interrupt or any status
information. The internal idle counter (IDLC) is reset every time a character is received. To disable the
idle sequence function, clear MAX_IDL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com