Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 721 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 721 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-15
21.17 SCC UART Receive Buffer Descriptor (RxBD)
The CPM uses RxBDs to report on each buffer received. The CPM closes the current buffer, generates a
maskable interrupt, and starts receiving data into the next buffer after one of the following occurs:
•
A user-defined control character is received.
•
An error occurs during message processing.
•
A full receive buffer is detected.
•
A MAX_IDL number of consecutive idle characters is received.
•An ENTER HUNT MODE or CLOSE RXBD command is issued.
•
An address character is received in multidrop mode. The address character is written to the next
buffer for a software comparison.
Figure 21-7 shows an example of how RxBDs are used in receiving.
10
—
Reserved, should be cleared.
11
PEN
Parity enable.
0No parity.
1 Parity is enabled and determined by the parity mode bits.
12–13,
14–15
RPM,
TPM
Receiver/transmitter parity mode. Selects the type of parity check the receiver/transmitter performs;
can be modified on-the-fly. Receive parity errors can be ignored but not disabled.
00 Odd parity. If a transmitter counts an even number of ones in the data word, it sets the parity bit
so an odd number is sent. If a receiver receives an even number, a parity error is reported.
01 Low parity (space parity). A transmitter sends a zero in the parity bit position. If a receiver does
not read a 0 in the parity bit, a parity error is reported.
10 Even parity. Like odd parity, the transmitter adjusts the parity bit, as necessary, to ensure that
the receiver receives an even number of one bits; otherwise, a parity error is reported.
11 High parity (mark parity). The transmitter sends a one in the parity bit position. If the receiver
does not read a 1 in the parity bit, a parity error is reported.
Table 21-9. PSMR UART Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com