Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 717 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 717 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-11
21.14 Fractional Stop Bits (Transmitter)
The asynchronous UART transmitter, shown in Figure 21-5, can be programmed to send fractional stop
bits. The FSB field in the data synchronization register (DSR) determines the fractional length of the last
stop bit to be sent. FSB can be modified at any time. If two stop bits are sent, only the second is affected.
Idle characters are always sent as full-length characters
.
Table 21-6 describes DSR fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
—
FSB
——
——
——
——
——
—
Reset
0
1111
11
00
11
11
11
0
R/W
R/W
Addr
Figure 21-5. Asynchronous UART Transmitter
Table 21-6. DSR Fields Descriptions
Bit
Name
Description
0
—
0b0
1–4
FSB
Fractional stop bits. For 16
× oversampling:
1111 Last transmitted stop bit 16/16. Default value after reset.
1110 Last transmitted stop bit 15/16.
…
1000 Last transmitted stop bit 9/16.
0xxx Invalid. Do not use.
For 32
× oversampling:
1111 Last transmitted stop bit 32/32. Default value after reset.
1110 Last transmitted stop bit 31/32.
…
0000 Last transmitted stop bit 17/32.
For 8
× oversampling:
1111 Last transmitted stop bit 8/8. Default value after reset.
1110 Last transmitted stop bit 7/8.
1101 Last transmitted stop bit 6/8.
1100 Last transmitted stop bit 5/8.
10xx Invalid. Do not use.
0xxx Invalid. Do not use.
The UART receiver can always receive fractional stop bits. The next character’s start bit can begin
any time after the three middle samples have been taken.
5–6
—
0b11
7–8
—
0b00
9–14
—
0b111111
15
—
0b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com