Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 714 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 714 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-8
Freescale Semiconductor
If the received control character is not rejected, it is written to the receive buffer. The receive buffer is then
automatically closed to allow software to handle end-of-message characters. Control characters that are
not part of the actual message, such as XOFF, can be rejected. Rejected characters bypass the receive
buffer and are written directly to the received control character register (RCCR), which triggers maskable
interrupt.
The 16-bit entries in the control character table support control character recognition. Each entry consists
of the control character, a valid bit (end of table), and a reject bit. See Figure 21-3.
Table 21-4 describes the data structure used in control character recognition.
Offset 1
01
2
7
8
15
0x50
ER
—
CHARACTER1
0x52
ER
—
CHARACTER2
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0x5E
ER
—
CHARACTER8
0x60
11
—
RCCM
0x62
—
RCCR
1 From SCCx base address
Figure 21-3. Control Character Table
Table 21-4. Control Character Table, RCCM, and RCCR Descriptions
Offset
Bits
Name
Description
0x50–
0x5E
0
E
End of table. In tables with eight control characters, E is always 0.
0 This entry is valid.
1 The entry is not valid and is not used.
1
R
Reject character.
0 A matching character is not rejected but is written into the Rx buffer, which is
then closed. If RxBD[I] is set, the buffer closing generates a maskable interrupt
through SCCE[RX]. A new buffer is opened if more data is in the message.
1 A matching character is written to RCCR and not to the Rx buffer. A maskable
interrupt is generated through SCCE[CCR]. The current Rx buffer is not closed.
2–7
—
Reserved
8–15
CHARACTERn
Control character values 1–8. Defines control characters to be compared to the
incoming character. For characters smaller than 8 bits, the most significant bits
should be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com