Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 710 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 710 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-4
Freescale Semiconductor
Table 21-1. UART-Specific SCC Parameter RAM Memory Map
Offset 1
Name
Width
Description
0x30
—
DWord Reserved
0x38
MAX_IDL
Hword Maximum idle characters. When a character is received, the receiver begins
counting idle characters. If MAX_IDL idle characters are received before the next
data character, an idle timeout occurs and the buffer is closed, generating a
maskable interrupt request to the core to receive the data from the buffer. Thus,
MAX_IDL offers a way to demarcate frames. To disable the feature, clear
MAX_IDL. The bit length of an idle character is calculated as follows: 1 + data
length (5–9) + 1 (if parity is used) + number of stop bits (1–2). For 8 data bits, no
parity, and 1 stop bit, the character length is 10 bits.
0x3A
IDLC
Hword Temporary idle counter. Holds the current idle count for the idle timeout process.
IDLC is a down-counter and does not need to be initialized or accessed.
0x3C
BRKCR
Hword Break count register (transmit). Determines the number of break characters the
transmitter sends. The transmitter sends a break character sequence when a
STOP TRANSMIT
command is issued. For 8 data bits, no parity, 1 stop bit, and
1 start bit, each break character consists of 10 zero bits.
0x3E
PAREC
Hword User-initialized,16-bit (modulo–2
16
) counters incremented by the CP.
PAREC counts received parity errors.
FRMEC counts received characters with framing errors.
NOSEC counts received characters with noise errors.
BRKEC counts break conditions on the signal. A break condition can last for
hundreds of bit times, yet BRKEC is incremented only once during that period.
0x40
FRMEC
Hword
0x42
NOSEC
Hword
0x44
BRKEC
Hword
0x46
BRKLN
Hword Last received break length. Holds the length of the last received break character
sequence measured in character units. For example, if RXD
x is low for 20 bit
times and the defined character length is 10 bits, BRKLN = 0x002, indicating that
the break sequence is at least 2 characters long. BRKLN is accurate to within
one character length.
0x48
UADDR1
Hword UART address character 1/2. In multidrop mode, the receiver provides automatic
address recognition for two addresses. In this case, program the lower order
bytes of UADDR1 and UADDR2 with the two preferred addresses.
0x4A
UADDR2
Hword
0x4C
RTEMP
Hword Temp storage
0x4E
TOSEQ
Hword Transmit out-of-sequence character. Inserts out-of-sequence characters, such
as XOFF and XON, into the transmit stream. The TOSEQ character is put in the
Tx FIFO without affecting a Tx buffer in progress. See Section 21.11, “Inserting
Control Characters into the Transmit Data Stream.”
0x50
CHARACTER1
Hword Control character 1–8. These characters define the Rx control characters on
which interrupts can be generated.
0x52
CHARACTER2
Hword
0x54
CHARACTER3
Hword
0x56
CHARACTER4
Hword
0x58
CHARACTER5
Hword
0x5A
CHARACTER6
Hword
0x5C
CHARACTER7
Hword
0x5E
CHARACTER8
Hword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com