Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 712 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 712 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-6
Freescale Semiconductor
21.7
SCC UART Commands
The transmit commands in Table 21-2 are issued to the CP command register (CPCR).
Receive commands are described in Table 21-3.
Table 21-2. Transmit Commands
Command
Description
STOP
TRANSMIT
After a hardware or software reset and a channel is enabled in the GSMR, the transmitter starts polling
the first BD in the TxBD table every 8 Tx clocks. STOP TRANSMIT disables character transmission. If the
SCC receives STOP TRANSMIT as a message is being sent, the message is aborted. The transmitter
finishes sending data transferred to its FIFO and stops. The TBPTR is not advanced. The UART
transmitter sends a programmable break sequence and starts sending idles. The number of break
characters in the sequence (which can be zero) should be written to BRKCR in the parameter RAM
before issuing this command.
GRACEFUL
STOP
TRANSMIT
Used to stop transmitting smoothly. The transmitter stops after the current buffer has been completely
sent or immediately if no buffer is being sent. SCCE[GRA] is set once transmission stops, then the
UART Tx parameters, including the TxBD, can be modified. TBPTR points to the next TxBD in the table.
Transmission begins once the R bit of the next BD is set and a RESTART TRANSMIT command is issued.
RESTART
TRANSMIT
Enables transmission. The controller expects this command after it disables the channel in its PSMR,
after a STOP TRANSMIT command, after a GRACEFUL STOP TRANSMIT command, or after a transmitter error.
Transmission resumes from the current BD.
INIT TX
PARAMETERS
Resets the transmit parameters in the parameter RAM. Issue only when the transmitter is disabled. Note
that INIT TX AND RX PARAMETERS resets both Tx and Rx parameters.
Table 21-3. Receive Commands
Command
Description
ENTER HUNT
MODE
Forces the receiver to close the RxBD in use and enter hunt mode. After a hardware or software reset,
once an SCC is enabled in the GSMR, the receiver is automatically enabled and uses the first BD in the
RxBD table. If a message is in progress, the receiver continues receiving in the next BD. In multidrop
hunt mode, the receiver continually scans the input data stream for the address character. When it is
not in multidrop mode, it waits for the idle sequence (one character of idle). Data present in the Rx FIFO
is not lost when this command is executed.
CLOSE RXBD
Forces the SCC to close the RxBD in use and use the next BD for subsequent received data. If the SCC
is not in the process of receiving data, no action is taken.
Note that in an SCC UART controller, CLOSE RXBD functions like ENTER HUNT MODE but does not need to
receive an idle character to continue receiving.
INIT RX
PARAMETERS
Resets the receive parameters in the parameter RAM. Should be issued when the receiver is disabled.
Note that INIT TX AND RX PARAMETERS resets both Tx and Rx parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com