Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 719 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 719 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-13
21.16 UART Mode Register (PSMR)
For UART mode, the SCC protocol-specific mode register (PSMR) is called the UART mode register.
Many bits can be modified while the receiver and transmitter are enabled. Figure 21-6 shows the PSMR
in UART mode.
Table 21-9 describes PSMR UART fields.
Framing
The UART reports a framing errors when it receives a character with no stop bit, regardless of the
mode. The channel writes the received character to the buffer, closes it, sets RxBD[FR], generates the
RX interrupt if not masked, increments FRMEC, but does not check parity for this character. In
automatic multidrop mode, the receiver immediately enters hunt mode. If the UART allows data with
no stop bits (PSMR[RZS] = 1) when in synchronous mode (PSMR[SYN] = 1), framing errors are
reported but reception continues assuming the unexpected zero is the start bit of the next character;
in this case, the user may ignore a reported framing error until multiple framing errors occur within a
short period.
Break
Sequence
When the first break sequence is received, the UART increments the break error counter BRKEC. It
updates BRKLN when the sequence completes. After the first 1 is received, the UART sets
SCCE[BRKE], which generates an interrupt if not masked. If the UART is receiving characters when it
receives a break, it closes the Rx buffer, sets RxBD[BR], and sets SCCE[RX], which can generate an
interrupt if not masked. If PSMR[RZS] = 1 when the UART is in synchronous mode, a break sequence
is detected after two successive break characters are received.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field FLC
SL
CL
UM
FRZ
RZS
SYN
DRT
—
PEN
RPM
TPM
Reset
0
R/W
R/W
Addr
0x11A08 (PSMR1); 0x11A28 (PSMR2); 0x11A48 (PSMR3); 0x11A68 (PSMR4)
Figure 21-6. Protocol-Specific Mode Register for UART (PSMR)
Table 21-9. PSMR UART Field Descriptions
Bit
Name
Description
0
FLC
Flow control.
0 Normal operation. The GSMR and port C registers determine the mode of CTS.
1 Asynchronous flow control. When CTS is negated, the transmitter stops at the end of the current
character. If CTS is negated past the middle of the current character, the next full character is sent
before transmission stops. When CTS is asserted again, transmission continues where it left off
and no CTS lost error is reported. Only idle characters are sent while CTS is negated.
1
SL
Stop length. Selects the number of stop bits the SCC sends. SL can be modified on-the-fly. The
receiver is always enabled for one stop bit unless the SCC UART is in synchronous mode and
PSMR[RZS] is set. Fractional stop bits are configured in the DSR.
0 One stop bit.
1 Two stop bits.
Table 21-8. Reception Errors (continued)
Error
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com