Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 723 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 723 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-17
Figure 21-8 shows the SCC UART RxBD.
Table 21-10 describes RxBD status and control fields.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
CA
CM
ID
AM
—
BR
FR
PR
—
OV
CD
Offset + 2
Data Length
Offset + 4
Rx Buffer Pointer
Offset + 6
Figure 21-8. SCC UART Receive Buffer Descriptor (RxBD)
Table 21-10. SCC UART RxBD Status and Control Field Descriptions
Bits
Name
Description
0
E
Empty.
0 The buffer is full or reception was aborted due to an error. The core can read or write to any fields
of this BD. The CPM does not reuse this BD while E = 0.
1 The buffer is not full. The CPM controls this BD and buffer. The core should not modify this BD.
1
—
Reserved, should be cleared.
2
W
Wrap (last buffer descriptor in the BD table).
0 Not the last descriptor in the table.
1 Last descriptor in the table. After this buffer is used, the CPM receives incoming data using the
BD pointed to by RBASE. The number of BDs in this table is programable and determined only
by the W bit and overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is filled.
1 The CP sets SCCE[RX] when this buffer is completely filled by the CPM, indicating the need for
the core to process the buffer. Setting SCCE[RX] causes an interrupt if not masked.
4
C
Control character.
0 This buffer does not contain a control character.
1 The last byte in this buffer matches a user-defined control character.
5
A
Address.
0 The buffer contains only data.
1 For manual multidrop mode, A indicates the first byte of this buffer is an address byte. Software
should perform address comparison. In automatic multidrop mode, A indicates the buffer contains
a message received immediately after an address matched UADDR1 or UADDR2. The address
itself is not written to the buffer but is indicated by the AM bit.
6
CM
Continuous mode.
0 Normal operation. The CPM clears E after this BD is closed.
1 The CPM does not clear E after this BD is closed, allowing the buffer to be overwritten when the
CPM accesses this BD again. E is cleared if an error occurs during reception, regardless of CM.
7
ID
Buffer closed on reception of idles. The buffer is closed because a programmable number of
consecutive idle sequences (MAX_IDL) was received.
8
AM
Address match. Significant only if the address bit is set and automatic multidrop mode is selected
in PSMR[UM]. After an address match, AM identifies which user-defined address character was
matched.
0 The address matched the value in UADDR2.
1 The address matched the value in UADDR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com