Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 724 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 724 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 728Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-18
Freescale Semiconductor
Section 20.2, “SCC Buffer Descriptors (BDs),” describes the data length and buffer pointer fields.
21.18 SCC UART Transmit Buffer Descriptor (TxBD)
The CPM uses BDs to confirm transmission and indicate error conditions so the core knows that buffers
have been serviced. Figure 21-9 shows the SCC UART TxBD.
Table 21-11 describes TxBD status and control fields.
9
—
Reserved, should be cleared.
10
BR
Break received. Set when a break sequence is received as data is being received into this buffer.
11
FR
Framing error. Set when a character with a framing error (a character without a stop bit) is received
and located in the last byte of this buffer. A new Rx buffer is used to receive subsequent data.
12
PR
Parity error. Set when a character with a parity error is received and located in the last byte of this
buffer. A new Rx buffer is used to receive subsequent data.
13
—
Reserved, should be cleared.
14
OV
Overrun. Set when a receiver overrun occurs during reception.
15
CD
Carrier detect lost. Set when the carrier detect signal is negated during reception.
0123
456
789
15
Offset + 0
R
—
W
I
CR
A
CM
P
NS
—CT
Offset + 2
Data Length
Offset + 4
Tx Buffer Pointer
Offset + 6
Figure 21-9. SCC UART Transmit Buffer Descriptor (TxBD)
Table 21-11. SCC UART TxBD Status and Control Field Descriptions
Bit
Name
Description
0
R
Ready.
0 The buffer is not ready. This BD and buffer can be modified. The CPM automatically clears R after
the buffer is sent or an error occurs.
1 The user-prepared buffer is waiting to begin transmission or is being transmitted. Do not modify
the BD once R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (last buffer descriptor in TxBD table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CPM sends data using the BD pointed to by
TBASE. The number of TxBDs in this table is determined only by the W bit and space constraints
of the dual-port RAM.
Table 21-10. SCC UART RxBD Status and Control Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com