Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 728 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 728 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 732Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 728 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-22
Freescale Semiconductor
Table 21-13 describes UART SCCS fields.
21.21 SCC UART Programming Example
The following initialization sequence is for the 9,600 baud, 8 data bits, no parity, and stop bit of an SCC
in UART mode assuming a 66-MHz system frequency. BRG1 and SCC2 are used. The controller is
configured with RTS2, CTS2, and CD2 active; CTS2 acts as an automatic flow-control signal.
1. Configure port D pins to enable TXD2 and RXD2. Set PPARD[27,28] and PDIRD[27] and clear
PDIRD[28] and PSORD[27,28].
2. Configure ports C and D pins to enable RTS2, CTS2 and CD2. Set PPARD[26], PPARC[12,13]
and PDIRD[26] and clear PDIRC[12,13], PSORC[12,13] and PSORD[26].
3. Configure BRG1. Write BRGC1 with 0x0001_035A. The DIV16 bit is not used and the divider is
429 (decimal). The resulting BRG1 clock is 16
× the preferred bit rate.
4. Connect BRG1 to SCC2 using the CPM mux. Clear CMXSCR[RS2CS,TS2CS].
5. Connect the SCC2 to the NMSI. Clear CMXSCR[SC2].
6. Write RBASE and TBASE in the SCC2 parameter RAM to point to the RxBD and TxBD tables in
dual-port RAM. Assuming one RxBD at the start of dual-port RAM followed by one TxBD, write
RBASE with 0x0000 and TBASE with 0x0008.
7. Write 0x04A1_0000 to CPCR to execute the INIT RX AND TX PARAMS command for SCC2. This
command updates RBPTR and TBPTR of the serial channel with the new values of RBASE and
TBASE.
8. Write RFCR with 0x10 and TFCR with 0x10 for normal operation.
9. Write MRBLR with the maximum number of bytes per Rx buffer. For this case, assume 16 bytes,
so MRBLR = 0x0010.
10. Write MAX_IDL with 0x0000 in the parameter RAM to disable the maximum idle functionality
for this example.
11. Set BRKCR to 0x0001 so STOP TRANSMIT commands send only one break character.
12. Clear PAREC, FRMEC, NOSEC, and BRKEC in parameter RAM.
13. Clear UADDR1 and UADDR2. They are not used.
14. Clear TOSEQ. It is not used.
15. Write CHARACTER1–8 with 0x8000. They are not used.
16. Write RCCM with 0xC0FF. It is not used.
Table 21-13. UART SCCS Field Descriptions
Bits
Name
Description
0–6
—
Reserved, should be cleared.
7
ID
Idle status. Set when RXD has been a logic one for at least a full character time.
0 The line is not idle.
1 The line is idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com