Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 730 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 730 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 734Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
21-24
Freescale Semiconductor
To receive S-records, the core must wait for an RX interrupt, indicating that a complete S-record buffer
was received. Transmission requires assembling S-records into buffers and linking them to the TxBD
table; transmission can be paused when an XOFF character is received. This scheme minimizes the
number of interrupts the core receives (one per S-record) and relieves it from continually scanning for
control characters.
Table 21-14. UART Control Characters for S-Records Example
Character
Description
Line Feed
Both the E and R bits should be cleared. When an end-of-line character is received, the current buffer is
closed and made available to the core for processing. This buffer contains an entire S record that the
processor can now check and copy to memory or disk as required.
XOFF
E should be cleared; R should be set. Whenever the core receives a control-character-received (CCR)
interrupt and the RCCR contains XOFF, the software should immediately stop transmitting by setting
PSMR[FRZ]. This keeps the other station from losing data when it runs out of Rx buffers.
XON
XON should be received after XOFF. E should be cleared and R should be set. PSMR[FRZ] on the
transmitter should now be cleared. The CPM automatically resumes transmission of the serial line at the
point at which it was previously stopped. Like XOFF, the XON character is not stored in the receive buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com