Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 733 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 733 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 737Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-3
and an address mask. The SCC compares the received address field with the user-defined values after
masking with the address mask. To detect broadcast (all ones) address frames, one address register must
be written with all ones.
If an address match is detected, the SCC fetches the next BD and SCC starts transferring the incoming
frame to the buffer if it is empty. When the buffer is full, the SCC clears RxBD[E] and generates a
maskable interrupt if RxBD[I] is set. If the incoming frame is larger than the current buffer, the SCC
continues receiving using the next BD in the table.
During reception, the SCC checks for frames that are too long (using MFLR). When the frame ends, the
CRC field is checked against the recalculated value and written to the buffer. RxBD[Data Length] of the
last BD in the HDLC frame contains the entire frame length. This also enables software to identify the
frames in which the maximum frame length violations occur. The SCC sets RxBD[L] (last buffer in
frame), writes the frame status bits, and clears RxBD[E]. It then generates a maskable event (SCCE[RXF])
to indicate a frame was received. The SCC then waits for a new frame. Back-to-back frames can be
received with only one shared flag between frames.
The received frames threshold parameter (RFTHR) can be used to postpone interrupts until a specified
number of frames is received. This function can be combined with a timer to implement a timeout if fewer
than the specified number of threshold frames is received.
Note that SCCs in HDLC mode, or any other synchronous mode, must receive a minimum of eight clocks
after the last bit arrives to account for Rx FIFO delay.
22.4
SCC HDLC Parameter RAM
For HDLC mode, the protocol-specific area of the SCC parameter RAM is mapped as in Table 22-1.
Table 22-1. HDLC-Specific SCC Parameter RAM Memory Map
Offset 1
Name
Width
Description
0x30
—
Word
Reserved
0x34
C_MASK
Word
CRC mask. For the 16-bit CRC-CCITT, initialize with 0x0000_F0B8. For 32-bit
CRC-CCITT, initialize with 0xDEBB_20E3.
0x38
C_PRES
Word
CRC preset. For the 16-bit CRC-CCITT, initialize with 0x0000_FFFF. For 32-bit
CRC-CCITT, initialize with 0xFFFF_FFFF.
0x3C
DISFC
Hword
Modulo 2
16
counters maintained by the CP. Initialize them while the channel is
disabled.
DISFC (Discarded frame counter) Counts error-free frames discarded due to lack
of free buffers.
CRCEC (CRC error counter) Includes frames not addressed to the user or frames
received in the BSY condition, but does not include overrun errors.
ABTSC (Abort sequence counter)
NMARC (Nonmatching address received counter) Includes error-free frames only.
RETRC (Frame retransmission counter) Counts number of frames resent due to
collision.
0x3E
CRCEC
Hword
0x40
ABTSC
Hword
0x42
NMARC
Hword
0x44
RETRC
Hword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com