Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 735 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 735 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 737Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-5
22.5
Programming the SCC in HDLC Mode
HDLC mode is selected for an SCC by writing GSMR_L[MODE] = 0b0000. The HDLC controller uses
the same buffer and BD data structure as other modes and supports multibuffer operation and address
comparisons. Receive errors are reported through the RxBD; transmit errors are reported through the
TxBD.
22.6
SCC HDLC Commands
The transmit and receive commands are issued to the CP command register (CPCR). Transmit commands
are described in Table 22-2.
Receive commands are described in Table 22-3.
Table 22-2. Transmit Commands
Command
Description
STOP
TRANSMIT
After a hardware or software reset and a channel is enabled in the GSMR, the transmitter starts polling
the first BD in the TxBD table every 64 Tx clocks, or immediately if TODR[TOD] = 1, and begins sending
data if TxBD[R] is set. If the SCC receives the STOP TRANSMIT command while not transmitting, the
transmitter stops polling the BDs. If the SCC receives the command during transmission, transmission
is aborted after a maximum of 64 additional bits, the Tx FIFO is flushed, and the current BD pointer
TBPTR is not advanced (no new BD is accessed). The transmitter then sends an abort sequence (0x7F)
and stops polling the BDs.
When not transmitting, the channel sends flags or idles as programmed in the GSMR.
Note that if PSMR[MFF] = 1, multiple small frames could be flushed from the Tx FIFO; a GRACEFUL STOP
TRANSMIT
command prevents this.
GRACEFUL
STOP
TRANSMIT
Stops transmission smoothly. Unlike a STOP TRANSMIT command, it stops transmission after the current
frame is finished or immediately if no frame is being sent. SCCE[GRA] is set when transmission stops.
HDLC Tx parameters and Tx BDs can then be updated. TBPTR points to the next TxBD. Transmission
begins once TxBD[R] of the next BD is set and a RESTART TRANSMIT command is issued.
RESTART
TRANSMIT
Enables frames to be sent on the transmit channel. The HDLC controller expects this command after a
STOP TRANSMIT
is issued and the channel in its GSMR is disabled, after a GRACEFUL STOP TRANSMIT
command, or after a transmitter error. The transmitter resumes from the current BD.
INIT TX
PARAMETERS
Resets the Tx parameters in the parameter RAM. Issue only when the transmitter is disabled. INIT TX
AND RX PARAMETERS
resets both Tx and Rx parameters.
Table 22-3. Receive Commands
Command
Description
ENTER HUNT
MODE
After a hardware or software reset, once an SCC is enabled in the GSMR, the receiver is automatically
enabled and uses the first BD in the RxBD table. While the SCC is looking for the beginning of a frame,
that SCC is in hunt mode. The ENTER HUNT MODE command is used to force the HDLC receiver to stop
receiving the current frame and enter hunt mode, in which the HDLC continually scans the input data
stream for a flag sequence. After receiving the command, the buffer is closed and the CRC is reset.
Further frame reception uses the next BD.
CLOSE RXBD
Should not be used in the HDLC protocol.
INIT RX
PARAMETERS
Resets the Rx parameters in the parameter RAM.; issue only when the receiver is disabled. Note that
INIT TX AND RX PARAMETERS
resets both Tx and Rx parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com