Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 738 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 738 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 737Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 742Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
22-8
Freescale Semiconductor
22.9
SCC HDLC Receive Buffer Descriptor (RxBD)
The CP uses the RxBD, shown in Figure 22-4, to report on data received for each buffer.
7
—
Reserved, should be cleared.
8
FSE
Flag sharing enable. FSE can be set only if GSMR_H[RTSM] is already set. Can be modified
on-the-fly.
0 Normal operation.
1 If NOF[0–3] = 0b0000, a single shared flag is sent between back-to-back frames. Other values of
NOF[0–3] are decremented by 1. Useful in signaling system #7 applications.
9
DRT
Disable receiver while transmitting.
0 Normal operation.
1 As the SCC sends data, the receiver is disabled and gated by the internal RTS. This helps if the
HDLC channel is on a multidrop line and the SCC does not need to receive its own transmission.
Note: If DRT = 1, GSMR_H[CDS] should be cleared unless both of the following are true: the same
clock is used for TCLK and RCLK, and CTS either has synchronous timing or is always
asserted.
10
BUS
HDLC bus mode.
0 Normal HDLC operation.
1 HDLC bus operation is selected. See Section 22.14, “HDLC Bus Mode with Collision Detection.”
11
BRM
HDLC bus RTS mode. Valid only if BUS = 1. Otherwise, it is ignored.
0Normal RTS operation during HDLC bus mode. RTS is asserted on the first bit of the Tx frame
and negated after the first collision bit is received.
1 Special RTS operation during HDLC bus mode. RTS is delayed by one bit with respect to the
normal case, which helps when the HDLC bus protocol is being run locally and sent over a
long-distance line at the same time. The one-bit delay allows RTS to be used to enable the
transmission line buffers so that the electrical effects of collisions are not sent over the
transmission line.
12
MFF
Multiple frames in Tx FIFO. The receiver is not affected.
0 Normal operation. The Tx FIFO must never contain more than one HDLC frame. The CTS lost
status is reported accurately on a per-frame basis.
1 The Tx FIFO can hold multiple frames, but lost CTS may not be reported on the buffer/frame it
occurred on. This can improve performance of HDLC transmissions of small back-to-back frames
or when the number of flags between frames should be limited.
13–15
—
Reserved, should be cleared.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
LF
CM
—
DE
—
LG
NO
AB
CR
OV
CD
Offset + 2
Data Length
Offset + 4
Rx Buffer Pointer
Offset + 6
Figure 22-4. SCC HDLC Receive Buffer Descriptor (RxBD)
Table 22-6. PSMR HDLC Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com