Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 737 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 737 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 737Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-7
22.8
HDLC Mode Register (PSMR)
The protocol-specific mode register (PSMR), shown in Figure 22-3, functions as the HDLC mode register.
Table 22-6 describes PSMR HDLC fields.
Nonoctet
Aligned
Frame
The channel writes the received data to the buffer, closes the buffer, sets RxBD[NO], and generates a
maskable RXF interrupt. CRC error status should be disregarded on nonoctet frames. After a nonoctet
aligned frame is received, the receiver enters hunt mode. An immediate back-to-back frame is still
received. The nonoctet data may be derived from the last word in the buffer as follows:
Note: If buffer swapping is used (RFCR[BO] = 0b0x), the figure above refers to the last byte, rather than
the last word, of the buffer. The lsb of each octet is sent first while the msb of the CRC is sent first.
CRC
The channel writes the received CRC to the buffer, closes the buffer, sets RxBD[CR], generates a
maskable RXF interrupt, and increments the CRC error counter CRCEC. After receiving a frame with a
CRC error, the receiver enters hunt mode. An immediate back-to-back frame is still received. CRC
checking cannot be disabled, but the CRC error can be ignored if checking is not required.
0
3
4
5
6
7
8
9
10
11
12
13
15
Field
NOF
CRC
RTE
—
FSE
DRT
BUS BRM MFF
—
Reset
0
R/W
R/W
Addr
0x11A08 (PSMR1); 0x11A28 (PSMR2); 0x11A48 (PSMR3); 0x11A68 (PSMR4)
Figure 22-3. HDLC Mode Register (PSMR)
Table 22-6. PSMR HDLC Field Descriptions
Bits
Name
Description
0-3
NOF
Number of flags. Minimum number of flags between or before frames. If NOF = 0b0000, no flags are
inserted between frames and the closing flag of one frame is followed by the opening flag of the next
frame in the case of back-to-back frames. NOF can be modified on-the-fly.
4–5
CRC
CRC selection.
00 16-bit CCITT-CRC (HDLC). X16 + X12 + X5 + 1.
x1 Reserved.
10 32-bit CCITT-CRC (Ethernet and HDLC). X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 +
X8 + X7 + X5 + X4 + X2 + X1 +1.
6
RTE
Retransmit enable.
0 No retransmission.
1 Automatic frame retransmission is enabled. Particularly useful in the HDLC bus protocol and
ISDN applications where multiple HDLC controllers can collide. Note that retransmission occurs
only if a lost CTS occurs on the first or second buffer of the frame.
Table 22-5. Receive Errors (continued)
Error
Description
msb
lsb
10
0
Valid Data
Nonvalid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com