Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 739 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 739 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 737Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 742Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 743Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-9
Table 22-7 describes HDLC RxBD status and control fields.
Table 22-7. SCC HDLC RxBD Status and Control Field Descriptions
Bits
Name
Description
0
E
Empty.
0 The buffer is full or reception stopped because of an error. The core can read or write to any fields
of this RxBD. The CP does not use this BD while E = 0.
1 The buffer is not full. The CP controls the BD and buffer. The core should not update the BD.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in the RxBD table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP receives incoming data using the BD pointed
to by RBASE. The number of BDs in this table are programmable and determined only by
RxBD[W] and overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 SCCE[RXB] is not set after this buffer is used; SCCE[RXF] is unaffected.
1 SCCE[RXB] or SCCE[RXF] is set when the SCC uses this buffer.
4
L
Last buffer in frame.
0 Not the last buffer in frame.
1 Last buffer in frame. Indicates reception of a closing flag or an error, in which case one or more
of the CD, OV, AB, and LG bits are set. The SCC writes the number of frame octets to the data
length field.
5
F
First in frame.
0 Not the first buffer in a frame.
1 First buffer in a frame.
6
CM
Continuous mode. Note that RxBD[E] is cleared if an error occurs during reception, regardless of
CM.
0 Normal operation.
1 RxBD[E] is not cleared by the CP after this BD is closed, allowing the associated buffer to be
overwritten next time the CP accesses it.
7
—
Reserved, should be cleared.
8
DE
DPLL error. Set when a DPLL error occurs while this buffer is being received. DE is also set due to
a missing transition when using decoding modes in which a transition is required for every bit. Note
that when a DPLL error occurs, the frame closes and error checking halts.
9
—
Reserved, should be cleared.
10
LG
Rx frame length violation. Set when a frame larger than the maximum defined for this channel is
recognized. Only the maximum-allowed number of bytes (MFLR) is written to the buffer. This event
is not reported until the buffer is closed, SCCE[RXF] is set, and the closing flag is received. The total
number of bytes received between flags is still written to the data length field.
11
NO
Rx nonoctet aligned frame. Set when a received frame contains a number of bits not divisible by
eight.
12
AB
Rx abort sequence. Set when at least seven consecutive ones are received during frame reception.
13
CR
Rx CRC error. Set when a frame contains a CRC error. CRC bytes received are always written to
the Rx buffer.
14
OV
Overrun. Set when a receiver overrun occurs during frame reception.
15
CD
Carrier detect lost (NMSI mode only). Set when CD is negated during frame reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com