Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 743 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 743 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 742Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 747Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-13
The data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
22.11 HDLC Event Register (SCCE)/HDLC Mask Register (SCCM)
The SCC event register (SCCE) is used as the HDLC event register to report events recognized by the
HDLC channel and to generate interrupts. When an event is recognized, the SCC sets the corresponding
SCCE bit. Interrupts generated through SCCE can be masked in the SCC mask register (SCCM) which has
the same bit format as the SCCE. Setting an SCCM bit enables the corresponding interrupt; clearing a bit
masks it. SCCE bits are cleared by writing ones; writing zeros has no effect. All unmasked bits must be
cleared before the CP clears the internal interrupt request. Figure 22-7 shows SCCE/SCCM for HDLC
operation.
Table 22-9 describes SCCE/SCCM fields.
14
UN
Underrun. Set after the SCC sends a buffer and a transmitter underrun occurred.
15
CT
CTS lost. Indicates when CTS in NMSI mode or layer 1 grant is lost in GCI or IDL mode during frame
transmission. If data from more than one buffer is currently in the FIFO when this error occurs, the
HDLC writes CT in the current BD after sending the buffer.
0
2
34
56
78
9
10
11
12
13
14
15
Field
—
DCC
FLG
IDL
GRA
—
TXE
RXF
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A10 (SCCE1); 0x11A30 (SCCE2); 0x11A50 (SCCE3); 0x11A70 (SCCE4)
0x11A14 (SCCM1); 0x11A34 (SCCM2); 0x11A54 (SCCM3); 0x11A74 (SCCM4)
Figure 22-7. HDLC Event Register (SCCE)/HDLC Mask Register (SCCM)
Table 22-9. SCCE/SCCM Field Descriptions 1
Bits
Name
Description
0–4
—
Reserved, should be cleared. Refer to note 1 below.
5
DCC
DPLL carrier sense changed. Set when the carrier sense status generated by the DPLL changes.
Real-time status can be read in SCCS[CS]. This is not the CD status reported in port C. Valid only when
the DPLL is used.
6
FLG
Flag status. Set when the SCC stops or starts receiving HDLC flags. Real-time status can be read in
SCCS[FG].
7
IDL
Idle sequence status changed. Set when HDLC line status changes. Real-time status of the line can be
read in SCCS[ID].
8
GRA
Graceful stop complete. A GRACEFUL STOP TRANSMIT command completed execution. Set as soon as the
transmitter has sent a frame in progress when the command was issued. Set immediately if no frame
was in progress when the command was issued.
9–10
—
Reserved, should be cleared. Refer to note 1 below.
Table 22-8. SCC HDLC TxBD Status and Control Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com