Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 744 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 744 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 742Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 748Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
22-14
Freescale Semiconductor
Figure 22-8 shows interrupts that can be generated using the HDLC protocol.
11
TXE
Tx error. Indicates an error (CTS lost or underrun) has occurred on the transmitter channel. This event
is not maskable via the TxBD[I] bit.
12
RXF
Rx frame. Set when the number of receive frames specified in RFTHR are received on the HDLC
channel. It is set no sooner than two clocks after the last bit of the closing flag is received. This event is
not maskable via the RxBD[I] bit.
13
BSY
Busy condition. Indicates a frame arrived but was discarded due to a lack of buffers.
14
TXB
Transmit buffer. Enabled by setting TxBD[I]. TXB is set when a buffer is sent on the HDLC channel. For
the last buffer in the frame, TXB is not set before the last bit of the closing flag begins its transmission;
otherwise, it is set after the last byte of the buffer is written to the Tx FIFO.
15
RXB
Receive buffer. Enabled by setting RxBD[I]. RXB is set when the HDLC channel receives a buffer that
is not the last in a frame.
1 Reserved bits in the SCCE should not be masked in the SCCM register.
Table 22-9. SCCE/SCCM Field Descriptions (continued)1
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com