Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 747 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 747 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 751Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-17
8. Write 0x04A1_0000 to CPCR to execute the INIT RX AND TX PARAMS command for SCC2. This
command updates RBPTR and TBPTR of the serial channel with the new values of RBASE and
TBASE.
9. Write RFCR with 0x10 and TFCR with 0x10 for normal operation.
10. Write MRBLR with the maximum number of bytes per Rx buffer. Choose 256 bytes (MRBLR =
0x0100) so an entire Rx frame can fit in one buffer.
11. Write C_MASK with 0x0000F0B8 to comply with 16-bit CCITT-CRC.
12. Write C_PRES with 0x0000FFFF to comply with 16-bit CCITT-CRC.
13. Clear DISFC, CRCEC, ABTSC, NMARC, and RETRC for clarity.
14. Write MFLR with 0x0100 so the maximum frame size is 256 bytes.
15. Write RFTHR with 0x0001 to allow interrupts after each frame.
16. Write HMASK with 0x0000 to allow all addresses to be recognized.
17. Clear HADDR1–HADDR4 for clarity.
18. Initialize the RxBD. Assume the buffer is at 0x0000_1000 in main memory. RxBD[Status and
Control]= 0xB000, RxBD[Data Length] = 0x0000 (not required), and RxBD[Buffer Pointer] =
0x0000_1000.
19. Initialize the TxBD. Assume the Tx data frame is at 0x0000_2000 in main memory and contains
five 8-bit characters. TxBD[Status and Control] = 0xBC00, TxBD[Data Length] = 0x0005, and
TxBD[Buffer Pointer] = 0x0000_2000.
20. Write 0xFFFF to SCCE to clear any previous events.
21. Write 0x001A to SCCM to enable TXE, RXF, and TXB interrupts.
22. Write 0x0040_0000 to the SIU interrupt mask register low (SIMR_L) so the SMC1 can generate a
system interrupt. Initialize SIU interrupt pending register low (SIPNR_L) by writing
0xFFFF_FFFF to it.
23. Write 0x0000_0000 to GSMR_H2 to enable normal CTS and CD behavior with idles (not flags)
between frames.
24. Write 0x0000_0000 to GSMR_L2 to configure CTS and CD to control transmission and reception
in HDLC mode. Normal Tx clock operation is used. Notice that the transmitter (ENT) and receiver
(ENR) have not been enabled. If inverted HDLC operation is preferred, set RINV and TINV.
25. Write 0x0000 to PSMR2 to configure one opening and one closing flag, 16-bit CCITT-CRC, and
prevent multiple frames in the FIFO.
26. Write 0x00000030 to GSMR_L2 to enable the SCC2 transmitter and receiver. This additional write
ensures that ENT and ENR are enabled last.
NOTE
After 5 bytes and CRC have been sent, the Tx buffer is closed; the Rx buffer
is closed after a frame is received. Frames larger than 256 bytes cause a busy
(out-of-buffers) condition because only one RxBD is prepared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com