Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 751 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 751 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 755Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
22-21
stops after that bit and waits for an idle line before attempting retransmission. Since the HDLC bus uses a
wired-OR scheme, a transmitted zero has priority over a transmitted 1. Figure 22-12 shows how CTS is
used to detect collisions.
Figure 22-12. Detecting an HDLC Bus Collision
If both the destination address and source address are included in the HDLC frame, then a predefined
priority of stations results; if two stations begin to transmit simultaneously, they necessarily detect a
collision no later than the end of the source address.
The HDLC bus priority mechanism ensures that stations share the bus equally. To minimize idle time
between messages, a station normally waits for eight one bits on the line before attempting transmission.
After successfully sending a frame, a station waits for 10 rather than eight consecutive one bits before
attempting another transmission. This mechanism ensures that another station waiting to transmit acquires
the bus before a station can transmit twice. When a low priority station detects 10 consecutive ones, it tries
to transmit; if it fails, it reinstates the high priority of waiting for only eight ones.
22.14.3 Increasing Performance
Because it uses a wired-OR configuration, HDLC bus performance is limited by the rise time of the one
bit. To increase performance, give the one bit more rise time by using a clock that is low longer than it is
high, as shown in Figure 22-13.
Figure 22-13. Nonsymmetrical Tx Clock Duty Cycle for Increased Performance
TCLK
CTS
(Input)
TXD
(Output)
CTS sampled at halfway point.
Collision detected when
TXD=1, but CTS=0.
TCLK
CTS
(Input)
TXD
(Output)
CTS sampled at three quarter point.
Collision detected when
TXD=1, but CTS=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com