Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 752 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 752 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 756Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
22-22
Freescale Semiconductor
22.14.4 Delayed RTS Mode
Figure 22-14 shows local HDLC bus controllers using a standard transmission line and a local bus. The
controllers do not communicate with each other but with a station on the transmission line; yet the HDLC
bus protocol controls access to the transmission line.
Figure 22-14. HDLC Bus Transmission Line Configuration
Normally, RTS goes active at the beginning of the opening flag’s first bit. Setting PSMR[BRM] delays
RTS by one bit, which is useful when the HDLC bus connects multiple local stations to a transmission line.
If the transmission line driver has a one-bit delay, the delayed RTS can be used to enable the output of the
line driver. As a result, the electrical effects of collisions are isolated locally. Figure 22-15 shows RTS
timing.
Figure 22-15. Delayed RTS Mode
Local HDLC Bus
HDLC Bus
Controller
RXD
CTS
TXD
A
HDLC Bus
Controller
RXD
CTS
TXD
B
RTS
+ 3.3 V
R
NOTES:
1. The TXD pins of slave devices should be configured to open-drain in the port C parallel I/O port.
2. The RTS pins of each HDLC bus controller are configured to delayed RTS mode.
RTS
Tx
Rx
EN
(1-Bit Delay)
Line Driver
TCLK
RTS active for
only 2 bit times
TXD
CTS
RTS
1st Bit
2nd Bit
3rd Bit
Collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com