Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 742 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 742 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 742Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 746Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
22-12
Freescale Semiconductor
22.10 SCC HDLC Transmit Buffer Descriptor (TxBD)
The CP uses the TxBD, shown in Figure 22-6, to confirm transmissions and indicate error conditions.
Table 22-8 describes HDLC TxBD status and control fields.
0123
456
7
13
14
15
Offset + 0
R
—
WI
L
TC
CM
—UN
CT
Offset + 2
Data Length
Offset + 4
Tx Buffer Pointer
Offset + 6
Figure 22-6. SCC HDLC Transmit Buffer Descriptor (TxBD)
Table 22-8. SCC HDLC TxBD Status and Control Field Descriptions
Bits
Name
Description
0
R
Ready.
0 The buffer is not ready for transmission. Both the buffer and the BD can be updated. The CP
clears R after the buffer is sent or an error is encountered.
1 The buffer has not been sent or is being sent and the BD cannot be updated.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in TxBD table).
0 Not the last BD in the table.
1 Last BD in the BD table. After this buffer is used, the CP sends data using the BD pointed to by
TBASE. The number of TxBDs in this table is determined by TxBD[W] and the space constraints
of the dual-port RAM.
3
I
Interrupt.
0 SCCE[TXB] is not set after this buffer is used; SCCE[TXE] is unaffected.
1 SCCE[TXB] or SCCE[TXE] is set when this buffer is processed, causing interrupts if not masked.
4
L
Last.
0 Not the last buffer in the frame.
1 Last buffer in the frame.
5
TC
Tx CRC. Valid only when TxBD[L] = 1. Otherwise, it is ignored.
0 Transmit the closing flag after the last data byte. This setting can be used to send a bad CRC after
the data for testing purposes.
1 Transmit the CRC sequence after the last data byte.
6
CM
Continuous mode.
0 Normal operation.
1 The CP does not clear TxBD[R] after this BD is closed allowing the buffer to be resent the next
time the CP accesses this BD. However, TxBD[R] is cleared if an error occurs during
transmission, regardless of CM.
7–13
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com