Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 727 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 727 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 731Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-21
Table 21-12 describes SCCE fields for UART mode.
21.20 SCC UART Status Register (SCCS)
The SCC UART status register (SCCS), shown in Figure 21-12, monitors the real-time status of RXD.
Table 21-12. SCCE/SCCM Field Descriptions for UART Mode 1
1 Reserved bits in the SCCE should not be masked in the SCCM register.
Bit
Name
Description
0–5
—
Reserved, should be cleared. Refer to note 1 below.
6
AB
Autobaud. Set when an autobaud lock is detected. The core should rewrite the baud rate generator
with the precise divider value. See Chapter 17, “Baud-Rate Generators (BRGs).”
7
IDL
Idle sequence status changed. Set when the channel detects a change in the serial line. The line’s
real-time status can be read in SCCS[ID]. Idle is entered when a character of all ones is received; it
is exited when a zero is received.
8
GRA
Graceful stop complete. Set as soon as the transmitter finishes any buffer in progress after a
GRACEFUL STOP TRANSMIT
command is issued. It is set immediately if no buffer is in progress.
9
BRKE
Break end. Set when an idle bit is received after a break sequence.
10
BRKS
Break start. Set when the first character of a break sequence is received. Multiple BRKS events are
not received if a long break sequence is received.
11
—
Reserved, should be cleared. Refer to note 1 below.
12
CCR
Control character received and rejected. Set when a control character is recognized and stored in
the receive control character register RCCR.
13
BSY
Busy. Set when a character is received and discarded due to a lack of buffers. In multidrop mode,
the receiver automatically enters hunt mode; otherwise, reception continues when a buffer is
available. The latest point that an RxBD can be changed to empty and guarantee avoiding the busy
condition is the middle of the stop bit of the first character to be stored in that buffer.
14
TX
Tx event. Set when a buffer is sent. If TxBD[CR] = 1, TX is set no sooner than when the last stop bit
of the last character in the buffer begins transmission. If TxBD[CR] = 0, TX is set after the last
character is written to the Tx FIFO. TX also represents a CTS lost error; check TxBD[CT].
15
RX
Rx event. Set when a buffer is received, which is no sooner than the middle of the first stop bit of the
character that caused the buffer to close. Also represents a general receiver error (overrun, CD lost,
parity, idle sequence, and framing errors); the RxBD status and control fields indicate the specific
error.
0
67
Field
—
ID
Reset
0000_0000_0000_0000
R/W
R
Addr
0x11A17 (SCCS1); 0x11A37 (SCCS2); 0x11A57 (SCCS3); 0x11A77 (SCCS4)
Figure 21-12. SCC Status Register for UART Mode (SCCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com