Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 725 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 725 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 729Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-19
The data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
21.19 SCC UART Event Register (SCCE) and Mask Register (SCCM)
The SCC event register (SCCE) is used to report events recognized by the UART channel and to generate
interrupts. When an event is recognized, the controller sets the corresponding SCCE bit. Interrupts can be
masked in the UART mask register (SCCM), which has the same format as SCCE. Setting a mask bit
enables the corresponding SCCE interrupt; clearing a bit masks it. Figure 21-10 shows example interrupts
that can be generated by the SCC UART controller.
3
I
Interrupt.
0 No interrupt is generated after this buffer is processed.
1 SCCE[TX] is set after this buffer is processed by the CPM, which can cause an interrupt.
4
CR
Clear-to-send report.
0 The next buffer is sent with no delay (assuming it is ready), but if a CTS lost condition occurs,
TxBD[CT] may not be set in the correct TxBD or may not be set at all. Asynchronous flow control,
however, continues to function normally.
1Normal CTS lost error reporting and three bits of idle are sent between consecutive buffers.
5
A
Address. Valid only in multidrop mode—automatic or manual.
0 This buffer contains only data.
1 This buffer contains address characters. All data in this buffer is sent as address characters.
6
CM
Continuous mode.
0 Normal operation. The CPM clears R after this BD is closed.
1 The CPM does not clear R after this BD is closed, allowing the buffer to be resent next time the
CPM accesses this BD. However, R is cleared by transmission errors, regardless of CM.
7
P
Preamble.
0 No preamble sequence is sent.
1 Before sending data, the controller sends an idle character consisting of all ones. If the data
length of this BD is zero, only a preamble is sent.
8
NS
No stop bit or shaved stop bit sent.
0 Normal operation. Stop bits are sent with all characters in this buffer.
1 If PSMR[SYN] = 1, data in this buffer is sent without stop bits. If SYN = 0, the stop bit is shaved,
depending on the DSR setting; see Section 21.14, “Fractional Stop Bits (Transmitter).”
9–14
—
Reserved, should be cleared.
15
CT
CTS lost. The CPM writes this status bit after sending the associated buffer.
0CTS remained asserted during transmission.
1CTS negated during transmission.
Table 21-11. SCC UART TxBD Status and Control Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com