Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 786 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 786 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 790Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
24-12
Freescale Semiconductor
24.13 SCC Status Register in Transparent Mode (SCCS)
The SCC status register (SCCS) allows monitoring of real-time status conditions on the RXD line. The
real-time status of CTS and CD are part of the parallel I/O.
Table 24-10 describes SCCS fields.
8
GRA
Graceful stop complete. Set when a graceful stop initiated by completes as soon as the transmitter
finishes any frame in progress when the GRACEFUL STOP TRANSMIT command was issued.
Immediately if no frame was in progress when the command was issued.
9–10
—
Reserved, should be cleared. Refer to note 1 below.
11
TXE
Tx error. Set when an error occurs on the transmitter channel. This event is not maskable via the
TxBD[I] bit.
12
—
Reserved, should be cleared. Refer to note 1 below.
13
BSY
Busy condition. Set when a byte or word is received and discarded due to a lack of buffers. The
receiver resumes reception after it gets an ENTER HUNT MODE command.
14
TXB
Tx buffer. Set no sooner than when the last bit of the last byte of the buffer begins transmission,
assuming L is set in the TxBD. If it is not, TXB is set when the last byte is written to the transmit FIFO.
15
RXB
Rx buffer. Set when a complete buffer was received on the SCC channel, no sooner than two serial
clocks after the last bit of the last byte in which the buffer is received on RXD.
1 Reserved bits in the SCCE should not be masked in the SCCM register.
01234567
Field
—
CS
—
Reset
0000_0000
R/W
R
Addr
0x11A17 (SCCS1); 0x11A37 (SCCS2); 0x11A57 (SCCS3); 0x11A77 (SCCS4)
Figure 24-5. SCC Status Register in Transparent Mode (SCCS)
Table 24-10. SCCS Field Descriptions
Bit
Name
Description
0–5
—
Reserved, should be cleared.
6
CS
Carrier sense (DPLL). Shows the real-time carrier sense of the line as determined by the DPLL.
0 The DPLL does not sense a carrier.
1 The DPLL senses a carrier.
7
—
Reserved, should be cleared.
Table 24-9. SCCE/SCCM Field Descriptions (continued)1
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com