Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 785 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 785 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 787Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 789Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 785 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
24-11
Data length and buffer pointer fields are described in Section 20.2, “SCC Buffer Descriptors (BDs).”
Although it is never modified by the CP, data length should be greater than zero. The buffer pointer can be
even or odd and can reside in internal or external memory.
24.12 SCC Transparent Event Register (SCCE)/Mask Register (SCCM)
When the SCC is in transparent mode, the SCC event register (SCCE) functions as the transparent event
register to report events recognized by the transparent channel and to generate interrupts. When an event
is recognized, the transparent controller sets the corresponding SCCE bit. Interrupts are enabled by setting,
and masked by clearing, the equivalent bits in the transparent mask register (SCCM).
Event bits are reset by writing ones; writing zeros has no effect. All unmasked bits must be reset before
the CP clears the internal interrupt request to the SIU interrupt controller. Figure 24-4 shows the event and
mask registers.
Table 24-9 describes SCCE/SCCM fields.
6
CM
Continuous mode.
0 Normal operation.
1 The CPM does not clear TxBD[R] after this BD is closed, so the buffer is automatically resent
when the CPM accesses this BD next. However, TxBD[R] is cleared if an error occurs during
transmission, regardless of how CM is set.
7–13
—
Reserved, should be cleared.
14
UN
Underrun. Set when the SCC encounters a transmitter underrun condition while sending the buffer.
15
CT
CTS lost. Indicates the CTS was lost during frame transmission.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
—
DCC
—
GRA
—
TXE
—
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A10 (SCCE1); 0x11A30 (SCCE2); 0x11A50 (SCCE3); 0x11A70 (SCCE4)
0x11A14 (SCCM1); 0x11A34 (SCCM2); 0x11A54 (SCCM3); 0x11A74 (SCCM4)
Figure 24-4. SCC Transparent Event Register (SCCE)/Mask Register (SCCM)
Table 24-9. SCCE/SCCM Field Descriptions 1
Bit
Name
Description
0–4
—
Reserved, should be cleared. Refer to note 1 below.
5
DCC
DPLL CS changed. Set when the DPLL-generated carrier sense status changes (valid only when
the DPLL is used). Real-time status can be read in SCCS. This is not the CD status mentioned
elsewhere.
6–7
—
Reserved, should be cleared. Refer to note 1 below.
Table 24-8. SCC Transparent TxBD Status and Control Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com