Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 781 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 781 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 785Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
24-7
Table 24-4 describes receive commands.
24.8
Handling Errors in the Transparent Controller
The SCC reports message reception and transmission errors using the channel buffer descriptors, the error
counters, and SCCE. Table 24-5 describes transmit errors.
RESTART
TRANSMIT
Reenables transmission of characters on the transmit channel. The transparent controller expects
it after a STOP TRANSMIT command is issued (at which point the channel is disabled in SCCM), after
a GRACEFUL STOP TRANSMIT command is issued, or after a transmitter error. The transparent
controller resumes transmission from the current TBPTR in the channel TxBD table.
INIT TX
PARAMETERS
Initializes all transmit parameters in the serial channel parameter RAM to reset state. Issue only
when the transmitter is disabled. INIT TX AND RX PARAMETERS resets receive and transmit
parameters.
Table 24-4. Receive Commands
Command
Description
ENTER HUNT
MODE
After hardware or software is reset and the channel is enabled, the channel is in receive enable
mode and uses the first BD in the table. ENTER HUNT MODE forces the transparent receiver to the
current frame and enter hunt mode where the transparent controller waits for the synchronization
sequence. After receiving the command, the current buffer is closed. Further data reception uses
the next BD.
CLOSE RXBD
Forces the SCC to close the RxBD if it is being used and to use the next BD for any subsequently
received data. If the SCC is not receiving data, no action is taken by this command.
INIT RX
PARAMETERS
Initializes all receive parameters in this serial channel parameter RAM to reset state. Issue only
when the receiver is disabled. INIT TX AND RX PARAMETERS resets receive and transmit parameters.
Table 24-5. Transmit Errors
Error
Description
Transmitter
Underrun
When this occurs, the channel stops sending the buffer, closes it, sets TxBD[UN], and generates a
TXE interrupt if it is enabled. Transmission resumes after a RESTART TRANSMIT command is received.
Underrun occurs after a transmit frame for which TxBD[L] was not set. In this case, only SCCE[TXE]
is set. Underrun cannot occur between transparent frames.
CTS Lost During
Message
Transmission
When this occurs, the channel stops sending the buffer, closes it, sets TxBD[CT], and generates the
TXE interrupt if it is enabled. The channel resumes sending after RESTART TRANSMIT is received.
Table 24-3. Transmit Commands (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com