Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 777 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 777 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 781Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 777 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
24-3
24.4
Achieving Synchronization in Transparent Mode
Once the SCC transmitter is enabled for transparent operation, the TxBD is prepared and the transmit FIFO
is preloaded by the SDMA channel, another process must occur before data can be sent. It is called transmit
synchronization. Similarly, once the SCC receiver is enabled for transparent operation in the GSMR and
the RxBD is made empty for the SCC, receive synchronization must occur before data can be received. An
in-line synchronization pattern or an external synchronization signal can provide bit-level control of the
synchronization process when sending or receiving.
24.4.1
Synchronization in NMSI Mode
This section describes synchronization in NMSI mode.
24.4.1.1
In-Line Synchronization Pattern
The transparent channel can be programmed to receive a synchronization pattern. This pattern is defined
in the data synchronization register, DSR; see Section 20.1.3, “Data Synchronization Register (DSR).”
Pattern length is specified in GSMR_H[SYNL], as shown in Table 24-1. See also Section 20.1.1, “The
General SCC Mode Registers (GSMR1–GSMR4).”
If a 4-bit SYNC is selected, reception begins as soon as these four bits are received, beginning with the
first bit following the 4-bit SYNC. The transmitter synchronizes on the receiver pattern if
GSMR_H[RSYN] = 1.
NOTE
The transparent controller does not automatically send the synchronization
pattern; therefore, the synchronization pattern must be included in the
transmit buffer.
24.4.1.2
External Synchronization Signals
If GSMR_H[SYNL] is 0b00, the transmitter uses CTS and the receiver uses CD to begin the sequence.
These signals share two options—pulsing and sampling.
GSMR_H[CDP] and GSMR_H[CTSP] determine whether CD or CTS need to be asserted only once to
begin reception/transmission or whether they must remain asserted for the duration of the transparent
Table 24-1. Receiver SYNC Pattern Lengths of the DSR
GSMR_H[SYNL]
Setting
Bit Assignments
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
00
An external SYNC signal is used instead of the SYNC pattern in the DSR.
01
4-bit
10
8-bit
11
16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com