Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 776 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 776 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 780Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
24-2
Freescale Semiconductor
24.2
SCC Transparent Channel Frame Transmission Process
The transparent transmitter is designed to work almost no intervention from the core. When the core
enables the SCC transmitter in transparent mode, it starts sending idles, which are logic high or encoded
ones, as programmed in GSMR_L[TEND]. The SCC polls the first BD in the TxBD table. When there is
a message to send, the SCC fetches data from memory, loads the transmit FIFO, and waits for transmitter
synchronization, which is achieved with CTS or by waiting for the receiver to achieve synchronization,
depending on GSMR_H[TXSY]. Transmission begins when transmitter synchronization is achieved.
When all BD data has been sent, if TxBD[L] is set, the SCC writes the message status bits into the BD,
clears TxBD[R], and sends idles until the next BD is ready. If it is ready, some idles are still sent. The
transmitter resumes sending only after it achieves synchronization.
If TxBD[L] is cleared when the end of the BD is reached, only TxBD[R] is cleared and the transmitter
moves immediately to the next buffer to begin transmission with no gap on the serial line between buffers.
Failure to provide the next buffer in time causes a transmit underrun which sets SCCE[TXE].
In both cases, an interrupt is issued according to TxBD[I]. By appropriately setting TxBD[I] in each BD,
interrupts are generated after each buffer or group of buffers is sent. The SCC then proceeds to the next
BD in the table and any whole number of bytes can be sent. If GSMR_H[REVD] is set, the bit order of
each byte is reversed before being sent; the msb of each octet is sent first.
Setting GSMR_H[TFL] makes the transmit FIFO smaller and reduces transmitter latency, but it can cause
transmitter underruns at higher transmission speeds. An optional CRC, selected in GSMR_H[TCRC], can
be appended to each transparent frame if it is enabled in the TxBD.
When the time-slot assigner (TSA) is used with a transparent-mode channel, synchronization is provided
by the TSA. There is a start-up delay for the transmitter, but delays will always be some whole number of
complete TSA frames. This means that n-byte transmit buffers can be mapped directly into n-byte time
slots in the TSA frames.
24.3
SCC Transparent Channel Frame Reception Process
When the core enables the SCC receiver in transparent mode, it waits to achieve synchronization before
data is received. The receiver can be synchronized to the data by a synchronization pulse or SYNC pattern.
After a buffer is full, the SCC clears RxBD[E] and generates a maskable interrupt if RxBD[I] is set. It
moves to the next RxBD in the table and begins moving data to its buffer. If the next buffer is not available,
SCCE[BSY] signifies a busy signal that can generate a maskable interrupt. The receiver reverts to hunt
mode when an ENTER HUNT MODE command or an error is received. If GSMR_H[REVD] is set, the bit
order of each byte is reversed before it is written to memory.
Setting GSMR_H[RFW] reduces receiver latency by making the receive FIFO smaller, which may cause
receiver overruns at higher transmission speeds. The receiver always checks the CRC of the received
frame, according to GSMR_H[TCRC]. If a CRC is not required, resulting errors can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com