Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 780 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 780 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 784Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1386 page
background image
SCC Transparent Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
24-6
Freescale Semiconductor
24.5
CRC Calculation in Transparent Mode
The CRC calculations follow the ITU/IEEE standard. The CRC is calculated on the transmitted data
stream; that is, from lsb to msb for non-bit-reversed (GSMR_H[REVD] = 0) and from msb to lsb for
bit-reversed (GSMR_H[REVD] = 1) transmission. The appended CRC is sent msb to lsb. When receiving,
the CRC is calculated as the incoming bits arrive. The optional reversal of data (GSMR_H[REVD] = 1) is
done just before data is stored in memory (after the CRC calculation).
24.6
SCC Transparent Parameter RAM
For transparent mode, the protocol-specific area of the SCC parameter RAM is mapped as in Table 24-2.
CRC_P and CRC_C overlap with the CRC parameters for the HDLC-based protocols. However, this
overlap is not detrimental since the CRC constant is used only for the receiver and the CRC preset is used
only for the transmitter, so only one entry is required for each. Thus, the user can choose an HDLC
transmitter with a transparent receiver or a transparent transmitter with an HDLC receiver.
24.7
SCC Transparent Commands
The following transmit and receive commands are issued to the CP command register. Table 24-3
describes transmit commands.
Table 24-2. SCC Transparent Parameter RAM Memory Map
Offset1
1 From SCC base address. See Section 20.3.1, “SCC Base Addresses.”
Name
Width
Description
0x30
CRC_P
Long
CRC preset for totally transparent. For the 16-bit CRC-CCITT, initialize with 0x0000_FFFF.
For the 32-bit CRC-CCITT, initialize with 0xFFFF_FFFF and for the CRC-16, initialize with
ones (0x0000_FFFF) or zeros (0x0000_0000).
0x34
CRC_C
Long
CRC constant for totally transparent receiver. For the 16-bit CRC-CCITT, initialize with
0x0000_F0B8. For the 32-bit CRC-CCITT, CRC_C initialize with 0xDEBB_20E3 and for the
CRC-16, which is normally used with BISYNC, initialize with 0x0000_0000.
Table 24-3. Transmit Commands
Command
Description
STOP TRANSMIT
After hardware or software is reset and the channel is enabled in the GSMR, the channel is in
transmit enable mode and starts polling the first BD every 64 clocks (or immediately if TODR[TOD]
= 1). STOP TRANSMIT disables frame transmission on the transmit channel. If the transparent
controller receives the command during frame transmission, transmission is aborted after a
maximum of 64 additional bits and the transmit FIFO is flushed. The current TxBD pointer (TBPTR)
is not advanced, no new BD is accessed and no new buffers are sent for this channel. The
transmitter will send idles.
GRACEFUL STOP
TRANSMIT
Stops transmission smoothly, rather than abruptly, in much the same way that the regular STOP
TRANSMIT
command stops. It stops transmission after the current frame finishes or immediately if no
frame is being sent. A transparent frame is not complete until a BD with TxBD[L] set has its buffer
completely sent. SCCE[GRA] is set once transmission stops; transmit parameters and their BDs can
then be modified. The current TxBD pointer (TBPTR) advances to the next TxBD in the table.
Transmission resumes once TxBD[R] is set and a RESTART TRANSMIT command is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com