Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1035 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1035 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1035 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-75
31.10.5.11 AAL1 TxBDs
Figure 31-51 shows the AAL1 TxBD.
Table 31-39 describes AAL1 TxBD fields.
11
CNG
The ATM cell header CNG bit of the cells associated with the current frame are ORed
with this field. This field is valid only in the first BD of the frame.
12–15
—
Reserved, should be cleared.
0x02
—
DL
The number of octets the ATM controller should transmit from this BD’s buffer. It is not
modified by the CP. The value of DL should be greater than zero.
0x04
—
TXDBPTR Tx data buffer pointer. Points to the address of the associated buffer, which may or may
not be 8-byte-aligned. The buffer may reside in either internal or external memory. This
value is not modified by the CP.
01
23456789
10
11
12
13
14
15
Offset + 0x00
R
—
WI
—
CM
—
Offset + 0x02
Data Length (DL)
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Figure 31-51. AAL1 TxBD
Table 31-39. AAL1 TxBD Field Descriptions
Offset
Bits
Name
Description
0x00
0
R
Ready
0 The buffer associated with this BD is not ready for transmission. The user is free to
manipulate this BD or its associated buffer. The CP clears this bit after the buffer has
been sent or after an error condition is encountered.
1 The buffer prepared for transmission by the user has not been sent or is being sent.
No fields of this BD may be written by the user once R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 Not the last BD in the TxBD table.
1 Last BD in the TxBD table. After this buffer is used, the CP sends outgoing data from
the first BD in the table (the BD pointed to by the channel’s TCT[TBD_BASE]). The
number of TxBDs in this table is determined only by the W bit. The current table cannot
exceed 64 Kbytes.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1 A Tx buffer event is sent to the interrupt queue after this buffer is serviced.
FCCE[GINT
x] is set when the INT_CNT counter reaches the global interrupt
threshold.
4–5
—
Reserved, should be cleared.
Table 31-38. AAL5 TxBD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com