Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1036 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1036 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1036 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-76
Freescale Semiconductor
31.10.5.12 AAL0 TxBDs
Figure 31-52 shows AAL0 TxBDs. Note that the data length field is calculated internally as 52 bytes, plus
the extra header length (defined in FPSMR[TEHS]) when in UDC mode.
Table 31-40 describes AAL0 TxBD fields.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear the ready bit after this BD is closed, allowing the associated
buffer to be retransmitted automatically when the CP next accesses this BD.
7–11
—
Reserved, should be cleared.
0x02
—
DL
The number of octets the ATM controller should transmit from this BD’s buffer. It is not
modified by the CP. The value of DL should be greater than zero.
0x04
—
TXDBPTR Tx data buffer pointer. Points to the address of the associated buffer. The buffer may
reside in either internal or external memory. This value is not modified by the CP.
01
234567
10
11
12
15
Offset + 0x00
R
—
WI
—
CM
—
OAM
—
Offset + 0x02
—
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Figure 31-52. AAL0 TxBDs
Table 31-40. AAL0 TxBD Field Descriptions
Offset
Bits
Name
Description
0x00
0
R
Ready
0 The buffer is not ready for transmission. The user can manipulate this BD or its buffer.
The CP clears R after the buffer has been sent or after an error occurs.
1 The buffer that the user prepared for transmission has not been sent or is being sent.
No fields of this BD may be written by the user once R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 Not the last BD in the TxBD table.
1 Last BD in the TxBD table. After this buffer is used, the CP sends outgoing data from
the first BD in the table (the BD pointed to by the channel’s TCT[TBD_BASE]). The
number of TxBDs in this table is determined by the W bit. The current table is
constrained to 64 Kbytes.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1 A Tx buffer event is sent to the interrupt queue after this buffer is serviced.
FCCE[GINT
x] is set when the INT_CNT counter reaches the global interrupt
threshold.
Table 31-39. AAL1 TxBD Field Descriptions
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com