Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1040 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1040 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-80
Freescale Semiconductor
31.11.2 Interrupt Queue Entry
Each one-word interrupt queue entry provides detailed interrupt information to the host. Figure 31-56
shows an entry.
Table 31-42 describes interrupt queue entry fields.
31.11.3 Interrupt Queue Parameter Tables
The interrupt queue parameters are held in parameter tables in the dual-port RAM; see Table 31-43.
INTT_BASE in the parameter RAM points to the base address of these tables. Each of the four interrupt
queues has its own parameter table with a starting address given by INTT_BASE+ RCT/TCT[INTQ]
× 16.
0
1
2
34567
89
10
11
12
13
14
15
Offset + 0x00
V
—
W
—
TBNR RXF BSY TXB RXB
Offset + 0x02
Channel Code (CC)
Figure 31-56. Interrupt Queue Entry
Table 31-42. Interrupt Queue Entry Field Description
Offset
Bits
Name
Description
0x00
0
V
Valid interrupt entry
0 This interrupt queue entry is free and can be use by the CP.
1 This interrupt queue entry is valid. The host should read this interrupt and clear this bit.
1
—
Reserved, should be cleared.
2
W
Wrap bit. When set, this is the last interrupt circular table entry. During initialization, the
host must clear all W bits in the table except the last one, which must be set.
3–10
—
Reserved, should be cleared.
11
TBNR
Tx buffer-not-ready. Set when a transmit buffer-not-ready interrupt is issued. This interrupt
is issued when the CP tries to open a TxBD that is not ready (R = 0). This interrupt is sent
only if TCT[BNM] = 1. This interrupt has an associated channel code.
Note that for AAL5, this interrupt is sent only if frame transmission is started. In this case,
an abort frame transmission is sent (last cell with length=0), the channel is taken out of the
APC, and the TCT[VCON] flag is cleared.
12
RXF
Rx frame. RXF is set when an Rx frame interrupt is issued. This interrupt is issued at the
end of AAL5 PDU reception. This interrupt is issued only if RCT[RXFM] = 1. This interrupt
has an associated channel code.
13
BSY
Busy condition. The BD table or the free buffer pool associated with this channel is busy.
Cells were discarded due to this condition. This interrupt has an associated channel code.
14
TXB
Tx buffer. TXB is set when a transmit buffer interrupt is issued. This interrupt is enabled
when both TxBD[I] and TCT[IMK] = 1. This interrupt has an associated channel code.
15
RXB
Rx buffer. RXB is set when an Rx buffer interrupt is issued. This interrupt is enabled when
both RxBD[I] and RCT[RXBM] = 1. This interrupt has an associated channel code.
0x02
—
CC
Channel code specifies the channel associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com