Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1042 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1042 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1042 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-82
Freescale Semiconductor
Table 31-44 describes UTOPIA master mode signals.
31.12.1.1 UTOPIA Master Multiple PHY Operation
The MPC8280 supports two polling modes:
•
Direct polling uses CLAV[3–0] with PHY selection using ADD[1–0]. Up to four PHYs can be
supported.
Table 31-44. UTOPIA Master Mode Signal Descriptions
Signal
Description
TxDATA[15–0]/[7–0]
Carries transmit data from the ATM controller to a PHY device. TxDATA[15]/[7] is the msb when
using UTOPIA 16/8, TxDATA[0] is the lsb.
TxSOC
Transmit start of cell. Asserted by the ATM controller when the first byte of a cell is sent on
TxDATA lines.
TxENB
Transmit enable. Asserted by the ATM controller when valid data is placed on the TxDATA lines.
TxClav/TxCLAV[3–0]
Transmit cell available. Asserted by the PHY device to indicate that the PHY has room for a
complete cell.
TxPRTY
Transmit parity. Asserted by the ATM controller. It is an odd parity bit over the TxDATA bits.
TxCLK
Transmit clock. Provides the synchronization reference for the TxDATA, TxSOC, TxENB,
TxCLAV, TxPRTY signals. All the above signals are sampled at low-to-high transitions of
TxCLK.
TxADD[4–0]
Transmit address. Address bus from the ATM controller to the PHY device used to select the
appropriate M-PHY device. Each M-PHY device needs to maintain its address. TxADD[4] is the
msb.
RxDATA[15–0]/[7–0]
Carries receive data from the PHY to the ATM controller. RxDATA[15]/[7] is the msb when using
UTOPIA 16/8, RxDATA[0] is the lsb.
RxSOC
Receive start of cell. Asserted by the PHY device as the first byte of a cell is received on
RxDATA.
RxENB
Receive enable. An ATM controller asserts to indicate that RxDATA and RxSOC will be sampled
at the end of the next RxCLK cycle. For multiple PHYs, RxENB is used to three-state RxDATA
and RxSOC at each PHY’s output. RxDATA and RxSOC should be enabled only in cycles after
those with RxENB asserted.
RxClav/RxCLAV[3–0]
Receive cell available. Asserted by a PHY device when it has a complete cell to give the ATM
controller.
RxPRTY
Receive parity. Asserted by the PHY device. It is an odd parity bit over the RxDATA. If there is
a RxPRTY error and the receive parity check FPSMR[RxP] is cleared, the cell is discarded. See
Section 31.13.2, “FCC Protocol-Specific Mode Register (FPSMR),” and Section 31.10.7, “UNI
Statistics Table.”
RxCLK
Receiver clock. Synchronization reference for RxDATA, RxSOC, RxENB, RxCLAV, and
RxPRTY, all of which are sampled at low-to-high transitions of RxCLK.
RxADD[4–0]
Receive address. Address bus from the ATM controller to the PHY device used to select the
appropriate M-PHY device. Each M-PHY device needs to maintain its address. RxADD[4] is the
msb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com