Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1043 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1043 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1043 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-83
•
Single CLAV polling uses Clav and ADD[4–0]. ATM controller polls all active PHYs starting from
PHY address 0x0 to the address written in FPSMR[LAST_PHY]. Up to 31 PHY devices are
supported.
Both modes support round-robin priority or fixed priority, described in Section 31.13.2, “FCC
Protocol-Specific Mode Register (FPSMR).”
31.12.2 UTOPIA Interface Slave Mode
In UTOPIA slave mode (single or multiple PHY), cells are transferred using cell-level and octet-level
handshakes as defined by the UTOPIA level-2 standard. The FCC allows cell transfer to be halted or
paused. If the master negates TXENB, the cell that the FCC is transmitting is halted. If the master negates
RXENB, the cell that the FCC is receiving is paused. Note the following restriction on halting a cell
transfer: there cannot be a halt immediately before the transfer of the last data word. There is no restriction
on pausing a cell transfer.
UTOPIA slave signals are shown in Figure 31-58.
Figure 31-58. UTOPIA Slave Mode Signals
Table 31-45 describes UTOPIA slave mode signals.
Table 31-45. UTOPIA Slave Mode Signals
Signal
Description
TxDATA[15–0]/[7–0]
Transmit data bus. Carries transmit data from the ATM controller to the master device.
TxDATA[15]/[7] is the msb, TxDATA[0] is the lsb.
TxSOC
Transmit start of cell. Asserted by an ATM controller as the first byte of a cell is sent on the
TxDATA lines.
TxENB
Transmit enable. An input to the ATM controller. It is asserted by the UTOPIA master to signal
the slave to send data in the next TxCLK cycle.
TxCLAV
Transmit cell available. Asserted by the ATM controller to indicate it has a complete cell to
transmit.
TxPRTY
Transmit parity. Asserted by the ATM controller. It is an odd parity bit over the TxDATA.
TXDATA[15–0]/[7–0]
TXSOC
TXENB
TXPRTY
TXCLK
TXCLAV
TXADD[4–0]
MPC8280
RXDATA[15–0]/[7–0]
RXSOC
RXENB
RXPRTY
RXCLK
RXCLAV
RXADD[4–0]
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com