Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1046 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1046 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1046 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-86
Freescale Semiconductor
Table 31-47 describes FPSMR fields.
0
3
4
7
8
9
10
11
15
Field
TEHS
REHS
ICD
TUMS RUMS
LAST PHY/PHY ID
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11304 (FPSMR1), 0x11324 (FPSMR2), 0x11344(FPSMR3)
16 17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
—
TPRI TUDC RUDC RXP
TUMP
—
TSIZE RSIZE UPRM UPLM RUMP HECI HECC COS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11306 (FPSMR1), 0x11326 (FPSMR2), 0x11346 (FPSMR3)
Figure 31-59. FCC ATM Mode Register (FPSMR)
Table 31-47. FCC ATM Mode Register (FPSMR)
Bits
Name
Description
0–3
TEHS
Transmit extra header size. Used only in user-defined cell mode to hold the Tx user-defined
cells’ extra header size. Values between 0–11 are valid. TEHS = 0 generates 1 byte of extra
header; TEHS = 11 generates 12 bytes of extra header.
Note: When working with a 16-bit UTOPIA interface, TEHS must represent an even number of
header bytes (so the actual programmed value should be odd).
Note: For IMA1 there is no extra header support for User defined cells so these bits should be
programmed to zero for IMA support.
4–7
REHS
Receive extra header size. Used only in user-defined cell mode to hold the Rx user-defined
cells’ extra header size. Values between 0–11 are valid. For REHS = 0, the receiver expects 1
byte of extra header; for REHS = 11, it expects 12 bytes of extra header.
Note: When working with a 16-bit UTOPIA interface, REHS must represent an even number of
header bytes (so the actual programmed value should be odd).
Note: For IMA1 there is no extra header support for User defined cells so these bits should be
programmed to zero for IMA support.
8
ICD
Idle cells discard
0 Discard idle cells (GFC, VPI, VCI, PTI =0)
1 Do not discard idle cells
Note: For IMA1 It is recommended to program ICD=1 so that idle cells will not be discarded.
Idle cells should not occur on an IMA link, and their presence indicates an IMA protocol
violation. Software should disable the discarding of idle cells, route the idle cells to a
dedicated channel, and treat reception of cells on that dedicated channel as an indication
of a system or system configuration error
9
TUMS
Transmit UTOPIA master/slave mode
0 Transmit UTOPIA master mode is selected (Use this mode for IMA support1)
1 Transmit UTOPIA slave mode is selected
10
RUMS
Receive UTOPIA master/slave mode
0 Receive UTOPIA master mode is selected (Use this mode for IMA support1)
1 Receive UTOPIA slave mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com