Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1048 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1048 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1048 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-88
Freescale Semiconductor
31.13.3 ATM Event Register (FCCE)/Mask Register (FCCM)
The FCCE register is the ATM controller event register when the FCC operates in ATM mode. When it
recognizes an event, the ATM controller sets the corresponding FCCE bit. Interrupts generated by this
register can be masked in FCCM. FCCE is memory-mapped and can be read at any time. Bits are cleared
by writing ones to them; writing zeros has no effect. Unmasked bits must be cleared before the CP clears
the internal interrupt request.
FCCM is the ATM controller mask register. The FCCM has the same bit format as FCCE. Setting an
FCCM bit enables and clearing a bit masks the corresponding interrupt in the FCCE.
28
RUMP
Receive UTOPIA multiple PHY mode.
0 Receive UTOPIA single PHY mode is selected
1 Receive UTOPIA multiple PHY mode is selected (Use this mode for IMA support1)
29
HECI
HEC included. Used in UDC mode only.
0 HEC octet is not included when UDC mode is enabled.
1 HEC octet is included when UDC mode is enabled.
30
HECC
Receive HEC check
0 Do not check Rx HEC
1 Check Rx HEC. HEC errors are reported in UTOPIAE counter (see Section 31.10.7, “UNI
Statistics Table”). This option can be used only in UTIPIA 8-bit data bus size.
31
COS
Coset mode enable
0 Check Rx HEC with no COSET
1 Check Rx HEC with COSET mode enabled
1 MPC8264 and MPC8266 only.
0
4
5
6
7
8
9
10
11
12131415
Field
—
TIRU GRLI GBPB GINT3 GINT2 GINT1 GINT0 INTO3 INTO2 INTO1 INTO0
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11310 (FCCE1), 0x11330 (FCCE2), 0x11350 (FCCE3)/
0x11314 (FCCM1), 0x11334 (FCCM2), 0x11354 (FCCM3)
16
31
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11312 (FCCE1), 0x11332 (FCCE2), 0x11352 (FCCE3)/
0x11316 (FCCM1), 0x11336 (FCCM2), 0x11356 (FCCM3)
Figure 31-60. ATM Event Register (FCCE)/FCC Mask Register (FCCM)
Table 31-47. FCC ATM Mode Register (FPSMR) (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com