Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1051 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1051 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-91
31.15.1 FCC Transmit Internal Rate Mode
In internal rate mode the total transmission rate is the sum of the rates assigned for all PHYs. This register
controls how internal rate is configured. In internal rate mode (GFEMR[TIREM] = 0), the internal rate
assigned per PHY is configured by registers FTIRR[0-3]. In internal rate expanded mode
(GFEMR[TIREM] = 1), registers FTIRR[0-3] control the available rates, but the PHY settings are
configured in registers FIRPER, FIRSR_HI and FIRSR_LO. In TIREM = 0 mode internal rate can only
be used for PHYs[0-3], whereas in TIREM = 1 mode up to 31 PHYs are supported. If TIREM = 1 mode
is selected, the transmit internal rate underrun (TIRU) status per PHY may be read at any time in register
FIRER.
31.15.1.1 FCC Transmit Internal Rate Register (FTIRR
x)
NOTE
The source clock of the internal rate timers is the BRGs clock, which is
configured in CMXUAR (refer to Section 16.4.1, “CMX UTOPIA Address
Register (CMXUAR)”). The frequency of this clock must be less than one
half of the FCC Tx Clock of the UTOPIA interface.
If GFEMR[TIREM] = 0, the first four PHY devices (address 00– 03) on FCC1 and FCC2 have their own
transmit internal rate registers (FTIRRx_PHY0–FTIRRx_PHY3) for use in transmit internal rate mode. In
this mode, the total transmission rate is determined by FCC internal rate timers. As a master, the controller
only polls the PHY’s Clav status at the rate determined by the internal rate. As a slave, the controller
attempts to insert cells into the FIFO at the internal rate. The controller can handle a lag of up to seven cells
per PHY between the programmable and actual bus rate. When the cell count mismatch reaches seven,
TIRU event is reported, see Section 31.13.3, “ATM Event Register (FCCE)/Mask Register (FCCM)”.
Note that a mismatch occurs if the PHY rate or the CPM performance are lower then the internal rate.
If GFEMR[TIREM] = 1, FTIRRx are used as group timers and PHYs at addresses 0-30 are assigned to a
rate group by FIRSRx_HI and FIRSRx_LO.
FTIRRx, shown in Figure 31-62, includes the initial value of the internal rate timer. The source clock of
the internal rate timers is supplied by one of four baud-rate generators selected in CMXUAR; see
Section 16.4.1, “CMX UTOPIA Address Register (CMXUAR).” Note that in slave mode, FTIRRx_PHY0
is used regardless of the slave PHY address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com