Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1049 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1049 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-89
Table 31-48 describes FCCE fields.
31.14 ATM Transmit Command
The CPM command set includes an ATM TRANSMIT that can be sent to the CP command register (CPCR),
described in Section 14.4.1.
The ATM TRANSMIT command (CPCR[opcode] = 0b1010, CPCR[SBC[code]] = 0b01110,
CPCR[SBC[page]] = 0b00100 or 0b00101 (FCC1 or FCC2), CPCR[MCN] = 0b0000_1010) turns a
passive channel into an active channel by inserting it into the APC scheduling table. Note that an ATM
TRANSMIT
command should be issued only after the channel’s TCT is completely initialized and the
channel has BDs ready to transmit. Note also that CPCR[SBC[code]] = 0b01110 and not FCC1 or FCC2
code.
Before issuing the command, the user should initialize COMM_INFO fields in the parameter RAM as
described in Figure 31-61.
Table 31-48. FCCE/FCCM Field Descriptions
Bits
Name
Description
0–4
—
Reserved, should be cleared.
5
TIRU
Transmit internal rate underrun. A cumulative lag of seven cells has formed between the
programmable rate and the actual rate for a specific Phy. A transmit internal rate counter expired
and a cell was not sent, either because of slow CPM performance or slow PHY performance. TIRU
may be set only when using transmit internal rate mode; see Section 31.15.1.1, “FCC Transmit
Internal Rate Register (FTIRRx).”
6
GRLI
Global red-line interrupt. GRLI is set when a free buffer pool’s RLI flag is set. The RLI flag is also set
in the free buffer pool’s parameter table.
7
GBPB
Global buffer pool busy interrupt. GBPB is set when a free buffer pool’s BUSY flag is set. The BUSY
flag is also set in the free buffer pool’s parameter table.
8–11
GINT
x Global interrupt. Set when the number of events sent to the corresponding interrupt queue reaches
the corresponding event threshold. See Section 31.11, “ATM Exceptions.”
12–15
INTO
x Interrupt queue overflow. Set when an overflow condition occurs in the corresponding interrupt
queue. This occurs when the CP attempts to overwrite a valid interrupt entry. See Section 31.11.1,
“Interrupt Queues.”
16–31
—
Reserved, should be cleared.
Offset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0x86
—
CTB
PHY#
ACT
PRI
0x88
Channel Code (CC)
0x8A
BT
Figure 31-61. COMM_INFO Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com