Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1047 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1047 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1047 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-87
11–15
LAST
PHY/
PHY ID
Last PHY. (Multiple PHY master mode only.) The UTOPIA interface polls all PHYs starting from
PHY address 0 and ending with the PHY address specified in LAST PHY. (The number of active
PHYs are LAST PHY+1). LAST PHY should be specified in both single-Clav and direct-polling
modes.
PHY ID. (Multiple PHY slave mode only.) Determines the PHY address of the ATM controller
when configured as a slave in a multiple PHY ATM port.
Note: For IMA1 support this field must be programmed to the PHY address of the last PHY
device; it is unrelated to the “virtual PHY number” for the IMA group programmed into
VPHYNUM.
16–17
—
Reserved, should be cleared.
18
TPRI
Transmitter priority. Used to adjust the default priority of the FCC transmitter. It is strongly
recommended to set TPRI when in multi-PHY mode, or in single-PHY mode if the maximal bit
rate (either internal or external rate) is higher than that of the other FCCs; for other modes, it
should remain cleared.
0 Default operation
1 Prevents elevation to emergency mode
Refer to Table 14-2.
19
TUDC
Transmit user-defined cells
0 Regular 53-byte cells (Disable this mode for IMA support1)
1 User-defined cells
20
RUDC
Receive user-defined cells
0 Regular 53-byte cells (Disable this mode for IMA support1)
1 User-defined cells
21
RxP
Receive parity check.
0 Check Rx parity line
1 Do not check Rx parity line
22
TUMP
Transmit UTOPIA multiple PHY mode
0 Transmit UTOPIA single PHY mode is selected
1 Transmit UTOPIA multiple PHY mode is selected (Use this mode for IMA support1)
23
—
Reserved, should be cleared.
24
TSIZE
Transmit UTOPIA data bus size
0 UTOPIA 8-bit data bus size
1 UTOPIA 16-bit data bus size
25
RSIZE
Receive UTOPIA data bus size
0 UTOPIA 8-bit data bus size
1 UTOPIA 16-bit data bus size
26
UPRM
UTOPIA priority mode.
0 Round robin. Polling is done from PHY zero to the PHY specified in LAST PHY. When a PHY
is selected, the UTOPIA interface continues to poll the next PHY in order.
1 Fixed priority. Polling is done from PHY zero to the PHY specified in LAST PHY. When a PHY
is selected, the UTOPIA interface continues to poll from PHY zero.
27
UPLM
UTOPIA polling mode.
0 Single Clav polling. Polling is done using Add[4–0] and Clav. Selection is done using
Add[4–0]. Up to 31 PHYs can be polled.
1 Direct polling. Polling is done using Clav[3–0]. Selection is done using Add[1–0]. Up to 4
PHYs can be polled.
Table 31-47. FCC ATM Mode Register (FPSMR) (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com