Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1045 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1045 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1045 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-85
Modes are selected through GFMR[DIAG], as shown in Table 31-46.
31.12.3 Extended Number of PHYs
The MPC8280 has additional pin muxing to support 31 PHYs on both FCC1 and FCC2. To utilize this
feature, do the following:
•
Program CMXUAR[MAD4] = 1
•
Program CMXUAR[MAD3] = 1
•
Select dedicated UTOPIA address lines for FCC2 in the parallel I/O (TxADDR[4:3],
RxADDR[4:3]).
Refer to Chapter 41, “Parallel I/O Ports,” of this document and Section 16.4.1, “CMX UTOPIA Address
Register (CMXUAR).”
31.13 ATM Registers
The following sections describe the configuration of the registers in ATM mode.
31.13.1 General FCC Mode Register (GFMR)
The GFMR mode field should be programmed for ATM mode. To enable transmit and receive functions,
ENT and ENR must be set as the last step in the initialization process. Full GFMR details are given in
Section 30.2, “General FCC Mode Registers (GFMRx).”
31.13.2 FCC Protocol-Specific Mode Register (FPSMR)
The FCC protocol-specific mode register (FPSMR), shown in Figure 31-59, controls various
protocol-specific FCC functions. The user should initialize the FPSMR. Erratic behavior may result if
there is an attempt to write to the FPSMR while the transmitter and receiver are enabled.
Table 31-46. UTOPIA Loop-Back Modes
DIAG
Description
00
Normal mode
01
Loop-back. UTOPIA Rx and Tx signals are shorted internally. Output pins are driven, input pins are ignored.
1x
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com